Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTA2400 Datasheet (PDF) - KEC(Korea Electronics)

KTA2400 Datasheet PDF - KEC(Korea Electronics)
Part # KTA2400
Download  KTA2400 Download
File Size   257.59 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR PNP TRANSISTOR (DIFFERENTIAL AMP.)

KTA2400 Datasheet (PDF)

Go To PDF Page Download Datasheet
KTA2400 Datasheet PDF - KEC(Korea Electronics)

Part # KTA2400
Download  KTA2400 Click to download

File Size   257.59 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR PNP TRANSISTOR (DIFFERENTIAL AMP.)

KTA2400 Datasheet (HTML) - KEC(Korea Electronics)


KTA2400 Product details

DIFFERENTIAL AMP. APPLICATION.

FEATURES
• Matched Pairs for Differential Amplifiers.
• High Breakdown Voltage : VCEO=-120V(Min.).
• Low Noise : NF=1dB(Typ.), 10dB(Max.).
• Complementary to KTC3400.




Similar Part No. - KTA2400

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
KTA2400 TGS-KTA2400 Datasheet
399Kb / 1P
Differential Amplifier Application
logo
KEC(Korea Electronics)
KTA2400 KEC-KTA2400_15 Datasheet
368Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR
More results


Similar Description - KTA2400

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3400 KEC-KTC3400 Datasheet
263Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (DIFFERENTIAL AMP.)
logo
Sanyo Semicon Device
2SC3067 SANYO-2SC3067 Datasheet
139Kb / 3P
NPN Epitaxial Planar Silicon Transistor DIFFERENTIAL AMP APPLICATIONS
logo
Unisonic Technologies
MPSA194 UTC-MPSA194 Datasheet
53Kb / 1P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
G2N4403 GTM-G2N4403 Datasheet
112Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
G2N5401 GTM-G2N5401 Datasheet
147Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
G8550S GTM-G8550S Datasheet
174Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
GL4401 GTM-GL4401 Datasheet
164Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GL5401 GTM-GL5401 Datasheet
166Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM649A GTM-GM649A Datasheet
478Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM1426 GTM-GM1426 Datasheet
173Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com