Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTC3400 Datasheet (PDF) - KEC(Korea Electronics)

KTC3400 Datasheet PDF - KEC(Korea Electronics)
Part # KTC3400
Download  KTC3400 Download
File Size   263.73 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR NPN TRANSISTOR (DIFFERENTIAL AMP.)

KTC3400 Datasheet (PDF)

Go To PDF Page Download Datasheet
KTC3400 Datasheet PDF - KEC(Korea Electronics)

Part # KTC3400
Download  KTC3400 Click to download

File Size   263.73 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR NPN TRANSISTOR (DIFFERENTIAL AMP.)

KTC3400 Datasheet (HTML) - KEC(Korea Electronics)


KTC3400 Product details

DIFFERENTIAL AMP. APPLICATION.

FEATURES
• Matched Pairs for Differential Amplifiers.
• High Breakdown Voltage : VCEO=120V(Min.).
• Low Noise : NF=1dB(Typ.), 10dB(Max.).
• Complementary to KTA2400.




Similar Part No. - KTC3400

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
KTC3400 TGS-KTC3400 Datasheet
461Kb / 1P
Differential Amplifier Application
logo
KEC(Korea Electronics)
KTC3400 KEC-KTC3400_15 Datasheet
357Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR
More results


Similar Description - KTC3400

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SC2999 SANYO-SC2999 Datasheet
131Kb / 5P
NPN Epitaxial Planar Silicon Transistor(HF Amp Applications)
logo
KEC(Korea Electronics)
KTA2400 KEC-KTA2400 Datasheet
257Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (DIFFERENTIAL AMP.)
logo
Sanyo Semicon Device
2SC3067 SANYO-2SC3067 Datasheet
139Kb / 3P
NPN Epitaxial Planar Silicon Transistor DIFFERENTIAL AMP APPLICATIONS
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com