Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTB1370 Datasheet (PDF) - KEC(Korea Electronics)

KTB1370 Datasheet PDF - KEC(Korea Electronics)
Part # KTB1370
Download  KTB1370 Download
File Size   417.16 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description TRIPLE DIFFUSED PNP TRANSISTOR(HIGH CURRENT SWITCHING, POWER AMPLIFIER)

KTB1370 Datasheet (PDF)

Go To PDF Page Download Datasheet
KTB1370 Datasheet PDF - KEC(Korea Electronics)

Part # KTB1370
Download  KTB1370 Click to download

File Size   417.16 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description TRIPLE DIFFUSED PNP TRANSISTOR(HIGH CURRENT SWITCHING, POWER AMPLIFIER)

KTB1370 Datasheet (HTML) - KEC(Korea Electronics)


KTB1370 Product details

HIGH CURRENT SWITCHING APPLICATIONS.
POWER AMPLIFIER APPLICATIONS.

FEATURES
• High Collector Current : IC=-7A.
• Low Collector-Emitter Saturation Voltage. : VCE(sat)=-0.5V(Max.) at IC=-4A.




Similar Part No. - KTB1370

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTB1370 KEC-KTB1370_15 Datasheet
464Kb / 3P
TRIPLE DIFFUSED PNP TRANSISTOR
More results


Similar Description - KTB1370

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SD2414 TOSHIBA-2SD2414 Datasheet
171Kb / 3P
NPN TRIPLE DIFFUSED TYPE (HIGH CURRENT SWITCHING, POWER AMPLIFIER APPLICATIONS)
2SD553 TOSHIBA-2SD553 Datasheet
216Kb / 4P
NPN TRIPLE DIFFUSED TYPE (HIGH CURRENT SWITCHING, POWER AMPLIFIER APPLICATIONS)
logo
KEC(Korea Electronics)
KTA1837 KEC-KTA1837 Datasheet
392Kb / 2P
TRIPLE DIFFUSED PNP TRANSISTOR(POWER AMPLIFIER DRIVER STAGE AMPLIFIER)
KTA1940 KEC-KTA1940 Datasheet
273Kb / 2P
TRIPLE DIFFUSED PNP TRANSISTOR(HIGH POWER AMPLIFIER)
KTA1962 KEC-KTA1962 Datasheet
356Kb / 3P
TRIPLE DIFFUSED PNP TRANSISTOR(POWER AMPLIFIER)
KTB688 KEC-KTB688 Datasheet
284Kb / 2P
TRIPLE DIFFUSED PNP TRANSISTOR(HIGH POWER AMPLIFIER)
KTB778 KEC-KTB778 Datasheet
282Kb / 2P
TRIPLE DIFFUSED PNP TRANSISTOR(HIGH POWER AMPLIFIER)
KTB817 KEC-KTB817 Datasheet
286Kb / 3P
TRIPLE DIFFUSED PNP TRANSISTOR(HIGH POWER AMPLIFIER)
KTC5242 KEC-KTC5242 Datasheet
317Kb / 3P
TRIPLE DIFFUSED PNP TRANSISTOR(POWER AMPLIFIER)
TIP36C KEC-TIP36C Datasheet
123Kb / 1P
TRIPLE DIFFUSED PNP TRANSISTOR(HIGH POWER AMPLIFIER)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com