Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP36C Datasheet (PDF) - KEC(Korea Electronics)

TIP36C Datasheet PDF - KEC(Korea Electronics)
Part # TIP36C
Download  TIP36C Download
File Size   123.26 Kbytes
Page   1 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description TRIPLE DIFFUSED PNP TRANSISTOR(HIGH POWER AMPLIFIER)

TIP36C Datasheet (PDF)

Go To PDF Page Download Datasheet
TIP36C Datasheet PDF - KEC(Korea Electronics)

Part # TIP36C
Download  TIP36C Click to download

File Size   123.26 Kbytes
Page   1 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description TRIPLE DIFFUSED PNP TRANSISTOR(HIGH POWER AMPLIFIER)

TIP36C Datasheet (HTML) - KEC(Korea Electronics)


TIP36C Product details

HIGH POWER AMPLIFIER APPLICATION.

FEATURES
• Recommended for 75W Audio Frequency
   Amplifier Output Stage.
• Complementary to TIP35C.
• Icmax:-25A.




Similar Part No. - TIP36C

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP36C MOSPEC-TIP36C Datasheet
154Kb / 3P
POWER TRANSISTORS(25A,40-100V,125W)
logo
Motorola, Inc
TIP36C MOTOROLA-TIP36C Datasheet
157Kb / 6P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP36C ONSEMI-TIP36C Datasheet
157Kb / 6P
COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
logo
Power Innovations Ltd
TIP36C POINN-TIP36C Datasheet
93Kb / 6P
PNP SILICON POWER TRANSISTORS
logo
STMicroelectronics
TIP36C STMICROELECTRONICS-TIP36C Datasheet
47Kb / 4P
COMPLEMENTARY SILICON HIGH POWER TRANSISTORS
Oct-1999
More results


Similar Description - TIP36C

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1837 KEC-KTA1837 Datasheet
392Kb / 2P
TRIPLE DIFFUSED PNP TRANSISTOR(POWER AMPLIFIER DRIVER STAGE AMPLIFIER)
KTA1940 KEC-KTA1940 Datasheet
273Kb / 2P
TRIPLE DIFFUSED PNP TRANSISTOR(HIGH POWER AMPLIFIER)
KTA1962 KEC-KTA1962 Datasheet
356Kb / 3P
TRIPLE DIFFUSED PNP TRANSISTOR(POWER AMPLIFIER)
KTB1370 KEC-KTB1370 Datasheet
417Kb / 3P
TRIPLE DIFFUSED PNP TRANSISTOR(HIGH CURRENT SWITCHING, POWER AMPLIFIER)
KTB688 KEC-KTB688 Datasheet
284Kb / 2P
TRIPLE DIFFUSED PNP TRANSISTOR(HIGH POWER AMPLIFIER)
KTB778 KEC-KTB778 Datasheet
282Kb / 2P
TRIPLE DIFFUSED PNP TRANSISTOR(HIGH POWER AMPLIFIER)
KTB817 KEC-KTB817 Datasheet
286Kb / 3P
TRIPLE DIFFUSED PNP TRANSISTOR(HIGH POWER AMPLIFIER)
KTC5242 KEC-KTC5242 Datasheet
317Kb / 3P
TRIPLE DIFFUSED PNP TRANSISTOR(POWER AMPLIFIER)
KTD998 KEC-KTD998 Datasheet
278Kb / 2P
TRIPLE DIFFUSED NPN TRANSISTOR(HIGH POWER AMPLIFIER)
TIP35C KEC-TIP35C Datasheet
125Kb / 1P
TRIPLE DIFFUSED NPN TRANSISTOR(HIGH POWER AMPLIFIER)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com