Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3428 Datasheet (PDF) - Linear Technology

LTC3428 Datasheet PDF - Linear Technology
Part # LTC3428
Download  LTC3428 Download
File Size   225.32 Kbytes
Page   12 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 4A, 2MHz Dual Phase Step-Up DC/DC Converter in 3mm 3mm DFN

LTC3428 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC3428 Datasheet PDF - Linear Technology

Part # LTC3428
Download  LTC3428 Click to download

File Size   225.32 Kbytes
Page   12 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 4A, 2MHz Dual Phase Step-Up DC/DC Converter in 3mm 3mm DFN

LTC3428 Datasheet (HTML) - Linear Technology




Similar Part No. - LTC3428

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3428 LINER-LTC3428 Datasheet
213Kb / 12P
4A, 2MHz Dual Phase Step-Up DC/DC Converter in 3mm 3mm DFN
logo
Analog Devices
LTC3428 AD-LTC3428 Datasheet
808Kb / 29P
8V, 12A, 2-Phase Low IQ Synchronous Boost Converter
Rev B
logo
Linear Technology
LTC3428EDD LINER-LTC3428EDD Datasheet
213Kb / 12P
4A, 2MHz Dual Phase Step-Up DC/DC Converter in 3mm 3mm DFN
More results


Similar Description - LTC3428

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3428 LINER-LTC3428 Datasheet
213Kb / 12P
4A, 2MHz Dual Phase Step-Up DC/DC Converter in 3mm 3mm DFN
LTC3526-2 LINER-LTC3526-2 Datasheet
269Kb / 16P
500mA 2MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3528 LINER-LTC3528 Datasheet
268Kb / 16P
1A, 1MHz Synchronous Step-Up DC/DC Converters in 3mm 횞 2mm DFN
LTC3528B-2 LINER-LTC3528B-2 Datasheet
225Kb / 16P
1A, 2MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 3mm DFN
LTC3528-2 LINER-LTC3528-2 Datasheet
259Kb / 16P
1A, 2MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 3mm DFN
logo
SiGe Semiconductor, Inc...
AATIAN41 SIGE-AATIAN41 Datasheet
111Kb / 4P
Low Voltage 2MHz Step-Up DC/DC Converter
logo
Linear Technology
LTC3529 LINER-LTC3529_15 Datasheet
216Kb / 12P
1.5A, 1.5MHz Step-Up DC/DC Converter in 2mm 3mm DFN
LTC3528-2 LINER-LTC3528-2_15 Datasheet
401Kb / 18P
1A, 2MHz Synchronous Step-Up DC/DC Converter
LTC3528B-2 LINER-LTC3528B-2_15 Datasheet
317Kb / 18P
1A, 2MHz Synchronous Step-Up DC/DC Converter
LT3686 LINER-LT3686_15 Datasheet
519Kb / 28P
37V/1.2A Step-Down Regulator in 3mm 3mm DFN
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com