Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3529 Datasheet (PDF) - Linear Technology

LTC3529 Datasheet PDF - Linear Technology
Part # LTC3529_15
Download  LTC3529 Download
File Size   216.93 Kbytes
Page   12 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 1.5A, 1.5MHz Step-Up DC/DC Converter in 2mm 3mm DFN

LTC3529 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC3529 Datasheet PDF - Linear Technology

Part # LTC3529_15
Download  LTC3529 Click to download

File Size   216.93 Kbytes
Page   12 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 1.5A, 1.5MHz Step-Up DC/DC Converter in 2mm 3mm DFN

LTC3529 Datasheet (HTML) - Linear Technology




Similar Part No. - LTC3529_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3520 LINER-LTC3520 Datasheet
371Kb / 24P
Synchronous 1A Buck-Boost and 600mA Buck Converters
LTC3520EUF-PBF LINER-LTC3520EUF-PBF Datasheet
371Kb / 24P
Synchronous 1A Buck-Boost and 600mA Buck Converters
LTC3520EUF-TRPBF LINER-LTC3520EUF-TRPBF Datasheet
371Kb / 24P
Synchronous 1A Buck-Boost and 600mA Buck Converters
LTC3520 LINER-LTC3520_15 Datasheet
322Kb / 24P
Synchronous 1A Buck-Boost and 600mA Buck Converters
LTC3521 LINER-LTC3521 Datasheet
1Mb / 20P
Wide VIN, 1A Buck-Boost DC/DC and Dual 600mA Buck DC/DC Converters
More results


Similar Description - LTC3529_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3428 LINER-LTC3428 Datasheet
213Kb / 12P
4A, 2MHz Dual Phase Step-Up DC/DC Converter in 3mm 3mm DFN
LTC3427 LINER-LTC3427 Datasheet
208Kb / 12P
500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 2mm DFN Package
LTC3528 LINER-LTC3528 Datasheet
268Kb / 16P
1A, 1MHz Synchronous Step-Up DC/DC Converters in 3mm 횞 2mm DFN
LTC3528B-2 LINER-LTC3528B-2 Datasheet
225Kb / 16P
1A, 2MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 3mm DFN
logo
BCD Semiconductor Manuf...
AP3012 BCDSEMI-AP3012_09 Datasheet
621Kb / 11P
1.5MHz STEP-UP DC-DC CONVERTER
logo
Linear Technology
LTC3528-2 LINER-LTC3528-2 Datasheet
259Kb / 16P
1A, 2MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 3mm DFN
logo
BCD Semiconductor Manuf...
AUR9718 BCDSEMI-AUR9718 Datasheet
1Mb / 19P
1.5MHz, 1.5A, Step-down DC-DC Converter
logo
Linear Technology
LTC3427 LINER-LTC3427_15 Datasheet
213Kb / 12P
500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 2mm DFN Package
LTC3428 LINER-LTC3428_15 Datasheet
225Kb / 12P
4A, 2MHz Dual Phase Step-Up DC/DC Converter in 3mm 3mm DFN
logo
Diodes Incorporated
AP3012 DIODES-AP3012 Datasheet
534Kb / 11P
1.5MHz STEP-UP DC-DC CONVERTER
Rev. 1 - 6 May 2010
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com