Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3012 Datasheet (PDF) - Diodes Incorporated

AP3012 Datasheet PDF - Diodes Incorporated
Part # AP3012
Download  AP3012 Download
File Size   534.85 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.5MHz STEP-UP DC-DC CONVERTER

AP3012 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP3012 Datasheet PDF - Diodes Incorporated

Part # AP3012
Download  AP3012 Click to download

File Size   534.85 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.5MHz STEP-UP DC-DC CONVERTER

AP3012 Datasheet (HTML) - Diodes Incorporated


AP3012 Product details

Features
· High Efficiency up to 81%
· Adjustable Output Voltage up to 29V
· Shutdown Current 1μA Typical
· 1.5MHz Switching Frequency
· 36V 500mA Rugged Integrated Bipolar Switch
· Built-in Soft-start to Reduce Inrush Current During Start-up
· On-chip Overvoltage Protection
· Uses Low ESR Ceramic Output Capacitor
· Uses Small Inductor

Applications
· LCD/OLED Display Bias Supply
· White LED Driver for LCD Display Backlights
· Cellular Phones




Similar Part No. - AP3012

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3012 BCDSEMI-AP3012 Datasheet
185Kb / 11P
1.5MHz STEP-UP DC-DC CONVERTER
AP3012 BCDSEMI-AP3012 Datasheet
218Kb / 11P
1.5MHz STEP-UP DC-DC CONVERTER
AP3012 BCDSEMI-AP3012 Datasheet
621Kb / 11P
1.5MHz STEP-UP DC-DC CONVERTER
AP3012KTR-E1 BCDSEMI-AP3012KTR-E1 Datasheet
185Kb / 11P
1.5MHz STEP-UP DC-DC CONVERTER
AP3012KTR-E1 BCDSEMI-AP3012KTR-E1 Datasheet
218Kb / 11P
1.5MHz STEP-UP DC-DC CONVERTER
More results


Similar Description - AP3012

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3458 LINER-LTC3458 Datasheet
339Kb / 16P
1.4A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
logo
BCD Semiconductor Manuf...
AP3012 BCDSEMI-AP3012 Datasheet
185Kb / 11P
1.5MHz STEP-UP DC-DC CONVERTER
AP3012 BCDSEMI-AP3012_07 Datasheet
218Kb / 11P
1.5MHz STEP-UP DC-DC CONVERTER
AP3012 BCDSEMI-AP3012_09 Datasheet
621Kb / 11P
1.5MHz STEP-UP DC-DC CONVERTER
AUR9713 BCDSEMI-AUR9713 Datasheet
768Kb / 14P
1.5MHz, 1A, STEP DOWN DC-DC CONVERTER
AUR9718 BCDSEMI-AUR9718 Datasheet
1Mb / 19P
1.5MHz, 1.5A, Step-down DC-DC Converter
AUR9719 BCDSEMI-AUR9719 Datasheet
748Kb / 19P
1.5MHz, 2A, STEP DOWN DC-DC CONVERTER
AP3410B BCDSEMI-AP3410B Datasheet
545Kb / 12P
1.5MHz Synchronous Step-down DC-DC Converter
logo
Will Semiconductor Ltd.
WD1015 WILLSEMI-WD1015 Datasheet
1Mb / 11P
1.5MHz, 1.2A, Step-down DC-DC Converter
logo
Shenzhen Huazhimei Semi...
HM3012 HMSEMI-HM3012 Datasheet
715Kb / 10P
1.5MHz STEP-UP DC-DC CONVERTER
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com