Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3012 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP3012
Description  1.5MHz STEP-UP DC-DC CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3012 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP3012 Datasheet HTML 3Page - Diodes Incorporated AP3012 Datasheet HTML 4Page - Diodes Incorporated AP3012 Datasheet HTML 5Page - Diodes Incorporated AP3012 Datasheet HTML 6Page - Diodes Incorporated AP3012 Datasheet HTML 7Page - Diodes Incorporated AP3012 Datasheet HTML 8Page - Diodes Incorporated AP3012 Datasheet HTML 9Page - Diodes Incorporated AP3012 Datasheet HTML 10Page - Diodes Incorporated AP3012 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
May 2010 Rev. 1. 6
BCD Semiconductor Manufacturing Limited
Data Sheet
1.5MHz STEP-UP DC-DC CONVERTER
AP3012
Typical Performance Characteristics
Figure 4. Quiescent Current vs. Input Voltage
Figure 5. SHDN Pin Bias Current
Figure 6. Switching Frequency
Figure 7. Feedback Bias Current
0
4
8
12
16
0.0
0.5
1.0
1.5
2.0
2.5
3.0
V
IN (V)
-50
oC
25
oC
100
oC
-50
-25
0
25
50
75
100
0.0
0.4
0.8
1.2
1.6
2.0
Junction Temperature (
oC)
-50
-25
0
25
50
75
100
0
10
20
30
40
50
60
70
Junction Temperature (
oC)
-50
-25
0
25
50
75
100
40
80
120
160
200
240
280
320
Junction Temperature (
oC)
SHDN=10V
SHDN=3.6V
SHDN=3V
SHDN=2.7V
vs. Junction Temperature
vs. Junction Temperature
vs. Junction Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com