Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3012 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP3012
Description  1.5MHz STEP-UP DC-DC CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3012 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP3012 Datasheet HTML 1Page - Diodes Incorporated AP3012 Datasheet HTML 2Page - Diodes Incorporated AP3012 Datasheet HTML 3Page - Diodes Incorporated AP3012 Datasheet HTML 4Page - Diodes Incorporated AP3012 Datasheet HTML 5Page - Diodes Incorporated AP3012 Datasheet HTML 6Page - Diodes Incorporated AP3012 Datasheet HTML 7Page - Diodes Incorporated AP3012 Datasheet HTML 8Page - Diodes Incorporated AP3012 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1.5MHz STEP-UP DC-DC CONVERTER
AP3012
1
May 2010 Rev. 1. 6
BCD Semiconductor Manufacturing Limited
Data Sheet
General Description
The AP3012 is a high power, constant frequency, cur-
rent mode PWM, inductor based, step-up (boost) con-
verter. The converter operates at high frequency
(1.5MHz) so that a small, low profile inductor can be
used.
The AP3012 has built-in overvoltage protection (OVP)
to allow the device goes into shutdown mode when the
output voltage exceeds the OVP threshold of 29V.
The AP3012 is available in standard SOT-23-5 pack-
age.
Features
·
High Efficiency up to 81%
·
Adjustable Output Voltage up to 29V
·
Shutdown Current 1µA Typical
·
1.5MHz Switching Frequency
·
36V 500mA Rugged Integrated Bipolar Switch
·
Built-in Soft-start to Reduce Inrush Current Dur-
ing Start-up
·
On-chip Overvoltage Protection
·
Uses Low ESR Ceramic Output Capacitor
·
Uses Small Inductor
Applications
·
LCD/OLED Display Bias Supply
·
White LED Driver for LCD Display Backlights
·
Cellular Phones
Figure 1. Package Type of AP3012
SOT-23-5


Similar Part No. - AP3012

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3012 BCDSEMI-AP3012 Datasheet
185Kb / 11P
1.5MHz STEP-UP DC-DC CONVERTER
AP3012 BCDSEMI-AP3012 Datasheet
218Kb / 11P
1.5MHz STEP-UP DC-DC CONVERTER
AP3012 BCDSEMI-AP3012 Datasheet
621Kb / 11P
1.5MHz STEP-UP DC-DC CONVERTER
AP3012KTR-E1 BCDSEMI-AP3012KTR-E1 Datasheet
185Kb / 11P
1.5MHz STEP-UP DC-DC CONVERTER
AP3012KTR-E1 BCDSEMI-AP3012KTR-E1 Datasheet
218Kb / 11P
1.5MHz STEP-UP DC-DC CONVERTER
More results

Similar Description - AP3012

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3458 LINER-LTC3458 Datasheet
339Kb / 16P
1.4A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
logo
BCD Semiconductor Manuf...
AP3012 BCDSEMI-AP3012 Datasheet
185Kb / 11P
1.5MHz STEP-UP DC-DC CONVERTER
AP3012 BCDSEMI-AP3012_07 Datasheet
218Kb / 11P
1.5MHz STEP-UP DC-DC CONVERTER
AP3012 BCDSEMI-AP3012_09 Datasheet
621Kb / 11P
1.5MHz STEP-UP DC-DC CONVERTER
AUR9713 BCDSEMI-AUR9713 Datasheet
768Kb / 14P
1.5MHz, 1A, STEP DOWN DC-DC CONVERTER
AUR9718 BCDSEMI-AUR9718 Datasheet
1Mb / 19P
1.5MHz, 1.5A, Step-down DC-DC Converter
AUR9719 BCDSEMI-AUR9719 Datasheet
748Kb / 19P
1.5MHz, 2A, STEP DOWN DC-DC CONVERTER
AP3410B BCDSEMI-AP3410B Datasheet
545Kb / 12P
1.5MHz Synchronous Step-down DC-DC Converter
logo
Will Semiconductor Ltd.
WD1015 WILLSEMI-WD1015 Datasheet
1Mb / 11P
1.5MHz, 1.2A, Step-down DC-DC Converter
logo
Shenzhen Huazhimei Semi...
HM3012 HMSEMI-HM3012 Datasheet
715Kb / 10P
1.5MHz STEP-UP DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com