Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3012 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP3012
Description  1.5MHz STEP-UP DC-DC CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3012 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP3012 Datasheet HTML 3Page - Diodes Incorporated AP3012 Datasheet HTML 4Page - Diodes Incorporated AP3012 Datasheet HTML 5Page - Diodes Incorporated AP3012 Datasheet HTML 6Page - Diodes Incorporated AP3012 Datasheet HTML 7Page - Diodes Incorporated AP3012 Datasheet HTML 8Page - Diodes Incorporated AP3012 Datasheet HTML 9Page - Diodes Incorporated AP3012 Datasheet HTML 10Page - Diodes Incorporated AP3012 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
1.5MHz STEP-UP DC-DC CONVERTER
AP3012
8
May 2010 Rev. 1. 6
BCD Semiconductor Manufacturing Limited
Data Sheet
Figure 9. Switching Current Limit vs. Duty Cycle
Typical Performance Characteristics (Continued)
Figure 10. Feedback Voltage vs. Junction Temperature
Figure 11. Efficiency vs. Output Current
Figure 8. Efficiency vs. Junction Temperature
0
5
10
15
20
25
30
35
40
45
60
65
70
75
80
85
Output Current (mA)
V
IN=3.0V
V
IN=3.6V
V
IN=4.2V
V
IN=5.0V
V
OUT=24V
L=10µH
-50
-25
0
25
50
75
100
1.24
1.25
1.26
1.27
1.28
1.29
V
IN=5V
V
OUT=24V
I
OUT=30mA
Junction Temperature (
oC)
020
40
60
80
100
0
200
400
600
800
1000
1200
Duty Cycle (%)
-50
-25
0
25
50
75
100
50
55
60
65
70
75
80
85
V
IN=5V
V
OUT=24V
I
OUT=30mA
Junction Temperature (
oC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com