Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3672B-2 Datasheet (PDF) - Linear Technology

LTC3672B-2 Datasheet PDF - Linear Technology
Part # LTC3672B-2
Download  LTC3672B-2 Download
File Size   163.06 Kbytes
Page   12 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Monolithic Fixed-Output 400mA Buck Regulator with Dual 150mA LDOs

LTC3672B-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC3672B-2 Datasheet PDF - Linear Technology

Part # LTC3672B-2
Download  LTC3672B-2 Click to download

File Size   163.06 Kbytes
Page   12 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Monolithic Fixed-Output 400mA Buck Regulator with Dual 150mA LDOs

LTC3672B-2 Datasheet (HTML) - Linear Technology




Similar Part No. - LTC3672B-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3672B-2 LINER-LTC3672B-2 Datasheet
149Kb / 12P
Monolithic Fixed-Output 400mA Buck Regulator with Dual 150mA LDOs in 2mm 횞 2mm DFN
More results


Similar Description - LTC3672B-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3670 LINER-LTC3670 Datasheet
219Kb / 12P
Monolithic 400mA Buck Regulator with Dual 150mA LDOs in 3mm 횞 2mm DFN
LTC3672B-1 LINER-LTC3672B-1 Datasheet
174Kb / 12P
Monolithic Fixed-Output 400mA Buck Regulator with Dual 150mA LDOs in 2mm 횞 2mm DFN
LTC3672B-2 LINER-LTC3672B-2 Datasheet
149Kb / 12P
Monolithic Fixed-Output 400mA Buck Regulator with Dual 150mA LDOs in 2mm 횞 2mm DFN
logo
Micrel Semiconductor
MIC23250 MICREL-MIC23250_10 Datasheet
995Kb / 20P
4MHz Dual 400mA Synchronous Buck Regulator with HyperLight Load
logo
Linear Technology
LTC3670 LINER-LTC3670_15 Datasheet
216Kb / 12P
Monolithic 400mA Buck Regulator with Dual 150mA
LTC3672B-1 LINER-LTC3672B-1_15 Datasheet
177Kb / 12P
Monolithic Fixed-Output 400mA Buck Regulator with Dual
LT3667 LINER-LT3667_15 Datasheet
441Kb / 34P
40V 400mA Step-Down Switching Regulator with Dual Fault Protected LDOs
LT3668 LINER-LT3668_15 Datasheet
382Kb / 28P
40V 400mA Step-Down Switching Regulator with Dual Fault Protected Tracking LDOs
LT3667 LINER-LT3667 Datasheet
441Kb / 34P
40V 400mA Step-Down Switching Regulator with Dual Fault Protected LDOs
LT3668 LINER-LT3668 Datasheet
382Kb / 28P
40V 400mA Step-Down Switching Regulator with Dual Fault Protected Tracking LDOs
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com