Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTC1170 Datasheet (PDF) - KEC(Korea Electronics)

KTC1170 Datasheet PDF - KEC(Korea Electronics)
Part # KTC1170
Download  KTC1170 Download
File Size   351.15 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR NPN TRANSISTOR (HIGH-DEFINITION CRT DISPLAY VIDEO OUTPUT)

KTC1170 Datasheet (PDF)

Go To PDF Page Download Datasheet
KTC1170 Datasheet PDF - KEC(Korea Electronics)

Part # KTC1170
Download  KTC1170 Click to download

File Size   351.15 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR NPN TRANSISTOR (HIGH-DEFINITION CRT DISPLAY VIDEO OUTPUT)

KTC1170 Datasheet (HTML) - KEC(Korea Electronics)


KTC1170 Product details

HIGH-DEFINITION CRT DISPLAY.
VIDEO OUTPUT APPLICATION.

FEATURES
• High Voltage : VCEO=200V.
• high Transition Frequency : fT=150MHz(Typ.)
• Low Collector Output Capacitance : Cob=1.7pF(Typ.)




Similar Part No. - KTC1170

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
KTC1000CP31 SCHNEIDER-KTC1000CP31 Datasheet
283Kb / 3P
Canalis KT Change direction components Edgewise and flat zed units
2026. 1. 19
KTC1000CP32 SCHNEIDER-KTC1000CP32 Datasheet
283Kb / 3P
Canalis KT Change direction components Edgewise and flat zed units
2026. 1. 19
KTC1000CP33 SCHNEIDER-KTC1000CP33 Datasheet
272Kb / 3P
Canalis KT Change direction components Edgewise and flat zed units
2026. 1. 19
KTC1000CP34 SCHNEIDER-KTC1000CP34 Datasheet
272Kb / 3P
Canalis KT Change direction components Edgewise and flat zed units
2026. 1. 19
KTC1000CP41 SCHNEIDER-KTC1000CP41 Datasheet
283Kb / 3P
Canalis KT Change direction components Edgewise and flat zed units
2026. 1. 19.
More results


Similar Description - KTC1170

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1381 SANYO-2SA1381 Datasheet
137Kb / 4P
High-Definition CRT Display, Video Output
2SA1406 SANYO-2SA1406 Datasheet
116Kb / 4P
high-Definition CRT Display Video Output Applications?
2SA1478 SANYO-2SA1478 Datasheet
132Kb / 4P
High-Definition CRT Display, Video Output Applications???
2SA1540 SANYO-2SA1540 Datasheet
113Kb / 4P
High-Definition CRT Display Video Output Applications
2SA1710 SANYO-2SA1710 Datasheet
118Kb / 4P
High-Definition CRT Display Video Output Applications
2SA1875 SANYO-2SA1875 Datasheet
31Kb / 5P
High-Definition CRT Display Video Output Applications
logo
Hi-Sincerity Mocroelect...
HSA1538 HSMC-HSA1538 Datasheet
34Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR(for high-definition CRT display video output, wide-band amplifier)
logo
KEC(Korea Electronics)
KTA1070 KEC-KTA1070 Datasheet
341Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH-DEFINITION CRT DISPLAY VIDEO OUTPUT)
KTC3467 KEC-KTC3467 Datasheet
353Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH-DEFINITION CRT DISPLAY VIDEO OUTPUT)
KTC3502 KEC-KTC3502 Datasheet
418Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH-DEFINITION CRT DISPLAY VIDEO OUTPUT)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com