Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTC3467 Datasheet (PDF) - KEC(Korea Electronics)

KTC3467 Datasheet PDF - KEC(Korea Electronics)
Part # KTC3467
Download  KTC3467 Download
File Size   353.01 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR NPN TRANSISTOR (HIGH-DEFINITION CRT DISPLAY VIDEO OUTPUT)

KTC3467 Datasheet (PDF)

Go To PDF Page Download Datasheet
KTC3467 Datasheet PDF - KEC(Korea Electronics)

Part # KTC3467
Download  KTC3467 Click to download

File Size   353.01 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR NPN TRANSISTOR (HIGH-DEFINITION CRT DISPLAY VIDEO OUTPUT)

KTC3467 Datasheet (HTML) - KEC(Korea Electronics)


KTC3467 Product details

HIGH-DEFINITION CRT DISPLAY
VIDEO OUTPUT APPLICATION.

FEATURES
• High Voltage : VCEO=200V.
• High Transition Frequency : fT=150MHz(Typ.).
• Low Collector Output Capacitance : Cob=1.7pF(Typ.).
• Complementary to KTA1070.




Similar Part No. - KTC3467

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KTC3467-O KEXIN-KTC3467-O Datasheet
1Mb / 3P
NPN Transistors
KTC3467-Y KEXIN-KTC3467-Y Datasheet
1Mb / 3P
NPN Transistors
KTC3467 KEXIN-KTC3467_15 Datasheet
1Mb / 3P
NPN Transistors
More results


Similar Description - KTC3467

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1381 SANYO-2SA1381 Datasheet
137Kb / 4P
High-Definition CRT Display, Video Output
2SA1406 SANYO-2SA1406 Datasheet
116Kb / 4P
high-Definition CRT Display Video Output Applications?
2SA1478 SANYO-2SA1478 Datasheet
132Kb / 4P
High-Definition CRT Display, Video Output Applications???
2SA1540 SANYO-2SA1540 Datasheet
113Kb / 4P
High-Definition CRT Display Video Output Applications
2SA1710 SANYO-2SA1710 Datasheet
118Kb / 4P
High-Definition CRT Display Video Output Applications
2SA1875 SANYO-2SA1875 Datasheet
31Kb / 5P
High-Definition CRT Display Video Output Applications
logo
Hi-Sincerity Mocroelect...
HSA1538 HSMC-HSA1538 Datasheet
34Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR(for high-definition CRT display video output, wide-band amplifier)
logo
KEC(Korea Electronics)
KTA1070 KEC-KTA1070 Datasheet
341Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH-DEFINITION CRT DISPLAY VIDEO OUTPUT)
KTC1170 KEC-KTC1170 Datasheet
351Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH-DEFINITION CRT DISPLAY VIDEO OUTPUT)
KTC3502 KEC-KTC3502 Datasheet
418Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH-DEFINITION CRT DISPLAY VIDEO OUTPUT)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com