Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1260 Datasheet (PDF) - Linear Technology

LT1260 Datasheet PDF - Linear Technology
Part # LT1260
Download  LT1260 Download
File Size   335.02 Kbytes
Page   12 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown

LT1260 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1260 Datasheet PDF - Linear Technology

Part # LT1260
Download  LT1260 Click to download

File Size   335.02 Kbytes
Page   12 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown

LT1260 Datasheet (HTML) - Linear Technology




Similar Part No. - LT1260

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1260 LINER-LT1260 Datasheet
319Kb / 12P
Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
LT1260CN LINER-LT1260CN Datasheet
319Kb / 12P
Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
LT1260CS LINER-LT1260CS Datasheet
319Kb / 12P
Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
LT1260IN LINER-LT1260IN Datasheet
319Kb / 12P
Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
LT1260IS LINER-LT1260IS Datasheet
319Kb / 12P
Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
More results


Similar Description - LT1260

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1259 LINER-LT1259 Datasheet
319Kb / 12P
Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
LT1398 LINER-LT1398 Datasheet
229Kb / 16P
Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown
logo
Maxim Integrated Produc...
MAX4223 MAXIM-MAX4223 Datasheet
243Kb / 20P
1GHz, Low-Power, SOT23, Current-Feedback Amplifiers with Shutdown
Rev 2a; 6/97
logo
Intersil Corporation
EL2460 INTERSIL-EL2460 Datasheet
294Kb / 15P
Dual/Quad 130MHz Current Feedback Amplifiers
January 1995
EL2360 INTERSIL-EL2360 Datasheet
279Kb / 14P
Triple 130MHz Current Feedback Amplifier
June 1996
logo
Analog Devices
AD8072ARMZ AD-AD8072ARMZ Datasheet
369Kb / 13P
Low Cost, Dual/Triple Video Amplifiers
REV. D
logo
Linear Technology
LT1259 LINER-LT1259_15 Datasheet
335Kb / 12P
Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
LT1398 LINER-LT1398_15 Datasheet
436Kb / 16P
Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown
LT1399 LINER-LT1399_15 Datasheet
436Kb / 16P
Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown
LT1399HV LINER-LT1399HV_15 Datasheet
436Kb / 16P
Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com