Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTC4378 Datasheet (PDF) - KEC(Korea Electronics)

KTC4378 Datasheet PDF - KEC(Korea Electronics)
Part # KTC4378
Download  KTC4378 Download
File Size   319.07 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR NPN TRANSISTOR (VOLTAGE REGULATOR RELAY LAMP DRIVER, INDUSTRIAL USE)

KTC4378 Datasheet (PDF)

Go To PDF Page Download Datasheet
KTC4378 Datasheet PDF - KEC(Korea Electronics)

Part # KTC4378
Download  KTC4378 Click to download

File Size   319.07 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR NPN TRANSISTOR (VOLTAGE REGULATOR RELAY LAMP DRIVER, INDUSTRIAL USE)

KTC4378 Datasheet (HTML) - KEC(Korea Electronics)


KTC4378 Product details

VOLTAGE REGULATOR, RELAY,
LAMP DRIVER, INDUSTRIAL USE

FEATURES
• High Voltage : VCEO=60V(Min.).
• High Current : IC(Max.)=1A.
• High Transition Frequency : fT=150MHz (Typ.).
• Wide Area of Safe Operation.
• Complementary to KTA1668.




Similar Part No. - KTC4378

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
KTC4378 HTSEMI-KTC4378 Datasheet
971Kb / 3P
TRANSISTOR (NPN)
logo
GUANGDONG HOTTECH INDUS...
KTC4378 HOTTECH-KTC4378 Datasheet
188Kb / 2P
Plastic-Encapsulate Transistors
logo
Galaxy Semi-Conductor H...
KTC4378 BILIN-KTC4378 Datasheet
277Kb / 5P
Epitaxial Planar NPN Transistor
logo
Jiangsu Changjiang Elec...
KTC4378 JIANGSU-KTC4378 Datasheet
1Mb / 3P
SOT-89-3L Plastic-Encapsulate Transistors
logo
Guangdong Kexin Industr...
KTC4378 KEXIN-KTC4378 Datasheet
1Mb / 3P
NPN Transistors
More results


Similar Description - KTC4378

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1668 KEC-KTA1668 Datasheet
75Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (VOLTAGE REGULATOR RELAY LAMP DRIVER, INDUSTRIAL)
KTA708 KEC-KTA708 Datasheet
76Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (VOLTAGE REGULATOR RELAY RAMP DRIVER, INDUSTRIAL USE)
KTB1124 KEC-KTB1124 Datasheet
88Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (VOLTAGE REGULATOR RELAY LAMP DRIVER, ELECTRICAL EQUIPMENT)
KTB985 KEC-KTB985 Datasheet
88Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (VOLTAGE REGULATOR RELAY DRIVERS LAMP DRIVER, ELECTRICAL EQUIPMENT)
KTC1008 KEC-KTC1008 Datasheet
244Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (VOLTAGE REGULATOR RELAY RAMP DRIVER, INDUSTRIAL USE)
KTC2804 KEC-KTC2804 Datasheet
254Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (AUDIO AMPLIFIER, VOLTAGE REGULATOR DC-DC CONVERTER, RELAY DRIVER)
KTD1028V KEC-KTD1028V Datasheet
363Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (INDUSTRIAL USE HIGH CURRENT)
KTD1347 KEC-KTD1347 Datasheet
87Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (VOLTAGE REGULATOR RELAY DRIVERS LAMP DRIVERS, ELECTRICAL EQUIPMENT)
KTD863 KEC-KTD863 Datasheet
311Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (VOLTAGE REGULATOR RELAY RAMP DRIVER, INDUSTRIAL USE)
MPS651 KEC-MPS651 Datasheet
73Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (VOLTAGE REGULATOR RELAY RAMP DRIVER, INDUSTRIAL USE)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com