Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTA1668 Datasheet (PDF) - KEC(Korea Electronics)

KTA1668 Datasheet PDF - KEC(Korea Electronics)
Part # KTA1668
Download  KTA1668 Download
File Size   75.46 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR PNP TRANSISTOR (VOLTAGE REGULATOR RELAY LAMP DRIVER, INDUSTRIAL)

KTA1668 Datasheet (PDF)

Go To PDF Page Download Datasheet
KTA1668 Datasheet PDF - KEC(Korea Electronics)

Part # KTA1668
Download  KTA1668 Click to download

File Size   75.46 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR PNP TRANSISTOR (VOLTAGE REGULATOR RELAY LAMP DRIVER, INDUSTRIAL)

KTA1668 Datasheet (HTML) - KEC(Korea Electronics)


KTA1668 Product details

VOLTAGE REGULATOR, RELAY, LAMP DRIVER, INDUSTRIAL USE

FEATURES
• High Voltage : VCEO=-60V(Min.).
• High Current : IC(Max.)=-1A.
• High Transition Frequency : fT=150MHz (Typ.).
• Wide Area of Safe Operation.
• Complementary to KTC4378.




Similar Part No. - KTA1668

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
KTA1668 HTSEMI-KTA1668 Datasheet
592Kb / 3P
TRANSISTOR (PNP)
logo
GUANGDONG HOTTECH INDUS...
KTA1668 HOTTECH-KTA1668 Datasheet
167Kb / 2P
Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
KTA1668 JIANGSU-KTA1668 Datasheet
1Mb / 3P
SOT-89-3L Plastic-Encapsulate Transistors
logo
Guangdong Kexin Industr...
KTA1668 KEXIN-KTA1668 Datasheet
646Kb / 3P
PNP Transistors
logo
Nanjing International G...
KTA1668 DGNJDZ-KTA1668 Datasheet
711Kb / 3P
SOT-89-3L Plastic-Encapsulate Transistors
More results


Similar Description - KTA1668

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1705 KEC-KTA1705 Datasheet
252Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (AUDIO AMPLIFIER, VOLTAGE REGULATOR DC-DC CONVERTER, RELAY DRIVER)
KTA708 KEC-KTA708 Datasheet
76Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (VOLTAGE REGULATOR RELAY RAMP DRIVER, INDUSTRIAL USE)
KTB1124 KEC-KTB1124 Datasheet
88Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (VOLTAGE REGULATOR RELAY LAMP DRIVER, ELECTRICAL EQUIPMENT)
KTB764 KEC-KTB764 Datasheet
80Kb / 3P
TRIPLE DIFFUSED PNP TRANSISTOR(VOLTAGE REGULATOR, RELAY, RAMP DRIVER, INDUSTRIAL USE)
KTB985 KEC-KTB985 Datasheet
88Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (VOLTAGE REGULATOR RELAY DRIVERS LAMP DRIVER, ELECTRICAL EQUIPMENT)
KTC1008 KEC-KTC1008 Datasheet
244Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (VOLTAGE REGULATOR RELAY RAMP DRIVER, INDUSTRIAL USE)
KTC4378 KEC-KTC4378 Datasheet
319Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (VOLTAGE REGULATOR RELAY LAMP DRIVER, INDUSTRIAL USE)
KTD1347 KEC-KTD1347 Datasheet
87Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (VOLTAGE REGULATOR RELAY DRIVERS LAMP DRIVERS, ELECTRICAL EQUIPMENT)
KTD863 KEC-KTD863 Datasheet
311Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (VOLTAGE REGULATOR RELAY RAMP DRIVER, INDUSTRIAL USE)
MPS651 KEC-MPS651 Datasheet
73Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (VOLTAGE REGULATOR RELAY RAMP DRIVER, INDUSTRIAL USE)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com