Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTB764 Datasheet (PDF) - KEC(Korea Electronics)

KTB764 Datasheet PDF - KEC(Korea Electronics)
Part # KTB764
Download  KTB764 Download
File Size   80.52 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description TRIPLE DIFFUSED PNP TRANSISTOR(VOLTAGE REGULATOR, RELAY, RAMP DRIVER, INDUSTRIAL USE)

KTB764 Datasheet (PDF)

Go To PDF Page Download Datasheet
KTB764 Datasheet PDF - KEC(Korea Electronics)

Part # KTB764
Download  KTB764 Click to download

File Size   80.52 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description TRIPLE DIFFUSED PNP TRANSISTOR(VOLTAGE REGULATOR, RELAY, RAMP DRIVER, INDUSTRIAL USE)

KTB764 Datasheet (HTML) - KEC(Korea Electronics)


KTB764 Product details

VOLTAGE REGULATOR, RELAY,
RAMP DRIVER, INDUSTRIAL USE

FEATURES
• High Voltage : VCEO=-50V(Min.).
• High Current : IC(Max.)=-1A.
• High Transition Frequency : fT=150MHz(Typ.).
• Wide Area of Safe Operation.
• Complementary to KTD863.




Similar Part No. - KTB764

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTB764 KEC-KTB764_15 Datasheet
492Kb / 3P
TRIPLE DIFFUSED PNP TRANSISTOR
More results


Similar Description - KTB764

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1024 KEC-KTA1024 Datasheet
384Kb / 3P
TRIPLE DIFFUSED PNP TRANSISTOR(HIGH VOLTAGE)
KTA1668 KEC-KTA1668 Datasheet
75Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (VOLTAGE REGULATOR RELAY LAMP DRIVER, INDUSTRIAL)
KTA708 KEC-KTA708 Datasheet
76Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (VOLTAGE REGULATOR RELAY RAMP DRIVER, INDUSTRIAL USE)
KTC1008 KEC-KTC1008 Datasheet
244Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (VOLTAGE REGULATOR RELAY RAMP DRIVER, INDUSTRIAL USE)
KTC3631D KEC-KTC3631D Datasheet
403Kb / 3P
TRIPLE DIFFUSED PNP TRANSISTOR(HIGH VOLTAGE)
KTC4378 KEC-KTC4378 Datasheet
319Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (VOLTAGE REGULATOR RELAY LAMP DRIVER, INDUSTRIAL USE)
KTC4520 KEC-KTC4520 Datasheet
356Kb / 3P
TRIPLE DIFFUSED PNP TRANSISTOR(SWITCHING REGULATOR, HIGH VOLTAGE, HIGH VOLTAGE SWITCHING)
KTD863 KEC-KTD863 Datasheet
311Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (VOLTAGE REGULATOR RELAY RAMP DRIVER, INDUSTRIAL USE)
MPS651 KEC-MPS651 Datasheet
73Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (VOLTAGE REGULATOR RELAY RAMP DRIVER, INDUSTRIAL USE)
KTA1962A KEC-KTA1962A Datasheet
90Kb / 3P
TRIPLE DIFFUSED PNP TRANSISTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com