Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD703003 Datasheet (PDF) - NEC

UPD703003 Datasheet PDF - NEC
Part # UPD703003
Download  UPD703003 Download
File Size   452.23 Kbytes
Page   82 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description V853TM 32/16-BIT SINGLE-CHIP MICROCONTROLLER

UPD703003 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD703003 Datasheet PDF - NEC

Part # UPD703003
Download  UPD703003 Click to download

File Size   452.23 Kbytes
Page   82 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description V853TM 32/16-BIT SINGLE-CHIP MICROCONTROLLER

UPD703003 Datasheet (HTML) - NEC


UPD703003 Product details

The µPD703003 is a member of the V850 FamilyTM of 32-bit single-chip microcontrollers designed for real-time control operations. This microcontroller provides on-chip features, including a 32-bit CPU core, ROM, RAM, interrupt controller, real-time pulse unit, a serial interface, an A/D converter, a D/A converter, and PWM signal units.

FEATURES
• Number of instructions: 74
• Minimum instruction execution time
   30 ns (during 33-MHz operation)
• General registers
   32 bits × 32 registers
• Instruction set optimized for control applications
• On-chip memory ROM: 128 Kbytes
                              RAM: 4 Kbytes
• Advanced on-chip interrupt controller
• Real-time pulse unit suitable for control operations
• Powerful serial interface (on-chip dedicated baud rate generator)
• On-chip clock generator
• 10-bit resolution A/D converter: 8 channels
• 8-bit resolution D/A converter: 2 channels
• 8/9/10/12-bit resolution PWM: 2 channels
• Power saving functions

APPLICATIONS
• AV: Video cameras, VCRs, etc.
• Office equipment: PPCs, LBPs, printers, etc.
• Industrial equipment: motor controllers, NC machine tools, etc.
• Communications equipment: Mobile telephones, etc.




Similar Part No. - UPD703003

ManufacturerPart #DatasheetDescription
logo
NEC
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
UPD703003A RENESAS-UPD703003A Datasheet
455Kb / 45P
MOS INTEGRATED CIRCUIT
1998
logo
NEC
UPD703003AGC-25 NEC-UPD703003AGC-25 Datasheet
230Kb / 40P
V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703003AGC-25 NEC-UPD703003AGC-25 Datasheet
32Kb / 4P
32-bit RISC Microcontrollers
UPD703003AGC-33 NEC-UPD703003AGC-33 Datasheet
230Kb / 40P
V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Similar Description - UPD703003

ManufacturerPart #DatasheetDescription
logo
NEC
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3003A NEC-UPD70F3003A Datasheet
295Kb / 44P
V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
XC2230L INFINEON-XC2230L_15 Datasheet
2Mb / 112P
16/32-Bit Single-Chip Microcontroller
V1.3 2015-02
XC2200 INFINEON-XC2200 Datasheet
1Mb / 62P
16/32-Bit Single-Chip Microcontroller
XC2268I INFINEON-XC2268I Datasheet
1Mb / 132P
16/32-Bit Single-Chip Microcontroller
V1.3 2014-07
XC2269I INFINEON-XC2269I Datasheet
1Mb / 134P
16/32-Bit Single-Chip Microcontroller
V1.3, 2014-07
XC2288I INFINEON-XC2288I Datasheet
1Mb / 145P
16/32-Bit Single-Chip Microcontroller
V1.3 2014-07
XC2361B INFINEON-XC2361B_14 Datasheet
733Kb / 128P
16/32-Bit Single-Chip Microcontroller
V1.5 2014-06
XC2700 INFINEON-XC2700 Datasheet
1Mb / 62P
16/32-Bit Single-Chip Microcontroller
V1.7 2014-10
XC2788X INFINEON-XC2788X Datasheet
1Mb / 140P
16/32-Bit Single-Chip Microcontroller
V1.3 2014-07
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com