Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD703003A Datasheet (PDF) - NEC

UPD703003A Datasheet PDF - NEC
Part # UPD703003A
Download  UPD703003A Download
File Size   230.61 Kbytes
Page   40 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS

UPD703003A Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD703003A Datasheet PDF - NEC

Part # UPD703003A
Download  UPD703003A Click to download

File Size   230.61 Kbytes
Page   40 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS

UPD703003A Datasheet (HTML) - NEC


UPD703003A Product details

V853™ 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS



The µPD703003A, 703004A, and 703025A are members of the V850 FamilyTM of 32-bit single-chip microcontrollers designed for real-time control operations. These microcontrollers provide on-chip features including a 32-bit CPU core, ROM, RAM, an interrupt controller, a real-time pulse unit, a serial interface, an A/D converter, a D/A converter, and PWM.



FEATURES

• Number of instructions: 74

• Minimum instruction execution time: 30 ns (@ 33 MHz operation)

• General-purpose registers: 32 bits ×32 registers

• Instruction set optimized for control applications

• On-chip memory ROM: 256 KB (µPD703025A)

                                 128 KB (µPD703003A)

                                 96 KB (µPD703004A)

                         RAM: 8 KB (µPD703025A)

                                 4 KB (µPD703003A, 703004A)

• Advanced on-chip interrupt controller

• Real-time pulse unit suitable for control operations

• Powerful serial interface (on-chip dedicated baud rate generator)

• On-chip clock generator

• 10-bit resolution A/D converter: 8 channels

• 8-bit resolution D/A converter: 2 channels

• 8-/9-/10-/12-bit resolution PWM: 2 channels

• Power saving functions



APPLICATIONS

• AV: Camcorders, VCRs, etc.

• Office equipment: PPCs, LBPs, printers, etc.

• Industrial equipment: Motor controllers, NC machine tools, etc.

• Communications equipment: Mobile telephones, etc.




Similar Part No. - UPD703003A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD703003A RENESAS-UPD703003A Datasheet
455Kb / 45P
MOS INTEGRATED CIRCUIT
1998
logo
NEC
UPD703003AGC-25 NEC-UPD703003AGC-25 Datasheet
32Kb / 4P
32-bit RISC Microcontrollers
UPD703003AGC-33 NEC-UPD703003AGC-33 Datasheet
32Kb / 4P
32-bit RISC Microcontrollers
logo
Renesas Technology Corp
UPD703003AGC-33-XXX-8EU RENESAS-UPD703003AGC-33-XXX-8EU Datasheet
455Kb / 45P
MOS INTEGRATED CIRCUIT
1998
UPD703003AGC-33-XXX-8EU-A RENESAS-UPD703003AGC-33-XXX-8EU-A Datasheet
455Kb / 45P
MOS INTEGRATED CIRCUIT
1998
More results


Similar Description - UPD703003A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD703003 NEC-UPD703003 Datasheet
452Kb / 82P
V853TM 32/16-BIT SINGLE-CHIP MICROCONTROLLER
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703034A NEC-UPD703034A Datasheet
356Kb / 31P
V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703037A NEC-UPD703037A Datasheet
332Kb / 28P
V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703039 NEC-UPD703039 Datasheet
292Kb / 9P
V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100-33 NEC-UPD703100-33 Datasheet
752Kb / 126P
V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3003A NEC-UPD70F3003A Datasheet
295Kb / 44P
V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
32-Bit Single-Chip Microcontrollers
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
32-Bit Single-Chip Microcontrollers
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com