Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD703003A Datasheet(PDF) 1 Page - NEC

Part # UPD703003A
Description  V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD703003A Datasheet(HTML) 1 Page - NEC

  UPD703003A Datasheet HTML 1Page - NEC UPD703003A Datasheet HTML 2Page - NEC UPD703003A Datasheet HTML 3Page - NEC UPD703003A Datasheet HTML 4Page - NEC UPD703003A Datasheet HTML 5Page - NEC UPD703003A Datasheet HTML 6Page - NEC UPD703003A Datasheet HTML 7Page - NEC UPD703003A Datasheet HTML 8Page - NEC UPD703003A Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
©
1998
DATA SHEET
µPD703003A,703004A,703025A
MOS INTEGRATED CIRCUIT
The
µPD703003A, 703004A, and 703025A are members of the V850 FamilyTM of 32-bit single-chip microcontrollers
designed for real-time control operations. These microcontrollers provide on-chip features including a 32-bit CPU
core, ROM, RAM, an interrupt controller, a real-time pulse unit, a serial interface, an A/D converter, a D/A converter,
and PWM.
Detailed function descriptions are provided in the following user’s manuals. Be sure to read them before
designing.
V853 User’s Manual Hardware:
U10913E
V850 Family User’s Manual Architecture:
U10243E
FEATURES
• Number of instructions: 74
• Minimum instruction execution time: 30 ns (@ 33 MHz operation)
• General-purpose registers: 32 bits
× 32 registers
• Instruction set optimized for control applications
•
On-chip memory
ROM: 256 KB (
µPD703025A)
128 KB (
µPD703003A)
96 KB (
µPD703004A)
RAM:
8 KB (
µPD703025A)
4 KB (
µPD703003A, 703004A)
• Advanced on-chip interrupt controller
• Real-time pulse unit suitable for control operations
• Powerful serial interface (on-chip dedicated baud rate generator)
• On-chip clock generator
• 10-bit resolution A/D converter: 8 channels
• 8-bit resolution D/A converter: 2 channels
• 8-/9-/10-/12-bit resolution PWM: 2 channels
• Power saving functions
APPLICATIONS
• AV: Camcorders, VCRs, etc.
• Office equipment: PPCs, LBPs, printers, etc.
• Industrial equipment: Motor controllers, NC machine tools, etc.
• Communications equipment: Mobile telephones, etc.
V853TM
32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
Document No. U13188EJ4V0DS00 (4th edition)
Date Published July 2000 N CP(K)
Printed in Japan
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for availability
and additional information.
The mark
shows major revised points.


Similar Part No. - UPD703003A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD703003A RENESAS-UPD703003A Datasheet
455Kb / 45P
MOS INTEGRATED CIRCUIT
1998
logo
NEC
UPD703003AGC-25 NEC-UPD703003AGC-25 Datasheet
32Kb / 4P
32-bit RISC Microcontrollers
UPD703003AGC-33 NEC-UPD703003AGC-33 Datasheet
32Kb / 4P
32-bit RISC Microcontrollers
logo
Renesas Technology Corp
UPD703003AGC-33-XXX-8EU RENESAS-UPD703003AGC-33-XXX-8EU Datasheet
455Kb / 45P
MOS INTEGRATED CIRCUIT
1998
UPD703003AGC-33-XXX-8EU-A RENESAS-UPD703003AGC-33-XXX-8EU-A Datasheet
455Kb / 45P
MOS INTEGRATED CIRCUIT
1998
More results

Similar Description - UPD703003A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD703003 NEC-UPD703003 Datasheet
452Kb / 82P
V853TM 32/16-BIT SINGLE-CHIP MICROCONTROLLER
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703034A NEC-UPD703034A Datasheet
356Kb / 31P
V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703037A NEC-UPD703037A Datasheet
332Kb / 28P
V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703039 NEC-UPD703039 Datasheet
292Kb / 9P
V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100-33 NEC-UPD703100-33 Datasheet
752Kb / 126P
V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3003A NEC-UPD70F3003A Datasheet
295Kb / 44P
V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
32-Bit Single-Chip Microcontrollers
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
32-Bit Single-Chip Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com