Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD703003A Datasheet(PDF) 16 Page - NEC

Part # UPD703003A
Description  V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD703003A Datasheet(HTML) 16 Page - NEC

Back Button UPD703003A Datasheet HTML 12Page - NEC UPD703003A Datasheet HTML 13Page - NEC UPD703003A Datasheet HTML 14Page - NEC UPD703003A Datasheet HTML 15Page - NEC UPD703003A Datasheet HTML 16Page - NEC UPD703003A Datasheet HTML 17Page - NEC UPD703003A Datasheet HTML 18Page - NEC UPD703003A Datasheet HTML 19Page - NEC UPD703003A Datasheet HTML 20Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
µPD703003A, 703004A, 703025A
16
Data Sheet U13188EJ4V0DS00
(b)
µPD703025A
X1
X2
C1
C2
Rd
Manufacturer
Part Number
Oscillation
Recommended
Oscillation
Oscillation
Frequency
Circuit Constant
Voltage Range
Stabilization Time
fXX (MHz)
C1 (pF)
C2 (pF)
Rd (
Ω)
MIN. (V)
MAX. (V) (MAX.) TOST (ms)
TDK
CCR4.0MC3
4.0
On-chip
On-chip
—
4.5
5.5
0.28
CCR5.0MC3
5.0
On-chip
On-chip
—
4.5
5.5
0.20
Murata Mfg.
CSA4.00MG040
4.0
100
100
—
4.5
5.5
0.20
Co., Ltd.
CST4.00MGW040
4.0
On-chip
On-chip
—
4.5
5.5
0.20
CSTS0400MG06
4.0
On-chip
On-chip
—
4.5
5.5
0.16
CSA6.60MTZ040
6.6
100
100
—
4.5
5.5
0.20
CST6.60MTW040
6.6
On-chip
On-chip
—
4.5
5.5
0.20
CSTS0660MG06
6.6
On-chip
On-chip
—
4.5
5.5
0.09
Cautions 1. Put the oscillator as close to the X1 and X2 pins as possible.
2. Do not cross the wiring with the other signal lines in the area enclosed by the broken lines.
3. Sufficiently evaluate the matching between
µPD703025A and the resonator.
(2) External clock input
Cautions 1. Put the high-speed CMOS inverter as close to the X1 pin as possible.
2. Sufficiently evaluate the matching between the
µPD703003A, 703004A, or 703025A
and the high-speed CMOS inverter.
X1
High-speed CMOS inverter
External clock
X2
Open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com