Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD703003A Datasheet(PDF) 12 Page - NEC

Part # UPD703003A
Description  V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD703003A Datasheet(HTML) 12 Page - NEC

Back Button UPD703003A Datasheet HTML 8Page - NEC UPD703003A Datasheet HTML 9Page - NEC UPD703003A Datasheet HTML 10Page - NEC UPD703003A Datasheet HTML 11Page - NEC UPD703003A Datasheet HTML 12Page - NEC UPD703003A Datasheet HTML 13Page - NEC UPD703003A Datasheet HTML 14Page - NEC UPD703003A Datasheet HTML 15Page - NEC UPD703003A Datasheet HTML 16Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
µPD703003A, 703004A, 703025A
12
Data Sheet U13188EJ4V0DS00
Table 2-1. Types of Pin Input/Output Circuits (2/2)
Pin Name
Input/Output Circuit Type
Recommended Connection of Unused Pins
CLKOUT
3
Leave open.
WAIT
1
Connect directly to VDD.
MODE
2
—
RESET
CVDD/CKSEL
AVREF1 to AVREF3, AVSS
—
Connect directly to VSS.
AVDD
—
Connect directly to VDD.
IC
—
Connect directly to VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com