Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD703003A Datasheet(PDF) 32 Page - NEC

Part # UPD703003A
Description  V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD703003A Datasheet(HTML) 32 Page - NEC

Back Button UPD703003A Datasheet HTML 28Page - NEC UPD703003A Datasheet HTML 29Page - NEC UPD703003A Datasheet HTML 30Page - NEC UPD703003A Datasheet HTML 31Page - NEC UPD703003A Datasheet HTML 32Page - NEC UPD703003A Datasheet HTML 33Page - NEC UPD703003A Datasheet HTML 34Page - NEC UPD703003A Datasheet HTML 35Page - NEC UPD703003A Datasheet HTML 36Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
µPD703003A, 703004A, 703025A
32
Data Sheet U13188EJ4V0DS00
(9) CSI timing (2/2)
(ii) Timing of CSI3
Parameter
Symbol
Conditions
25 MHz Version
33 MHz Version
Unit
MIN.
MAX.
MIN.
MAX.
SCK3 cycle
<67> tCYSK4
Input
500
500
ns
SCK3 high-level width
<68> tWSKH4
Input
180
180
ns
SCK3 low-level width
<69> tWSKL4
Input
180
180
ns
SI3 setup time (to SCK3
↑)
<70> tSSISK4
100
100
ns
SI3 hold time (from SCK3
↑)
<71> tHSKSI4
50
50
ns
SO3 output delay time (from SCK3
↓) <72> tDSKSO4
RL = 1.5 k
Ω
150
150
ns
SO3 output hold time (from SCK3
↑) <73> tHSKSO4
CL = 50 pF
tWSKH4
tWSKH4
ns
Remark
RL and CL are the load resistance and load capacitance of the SCK3 and SO3 output lines.
SCKn (I/O)
SIn (Input)
SOn (output)
<67>
<69>
<68>
<70>
<71>
<72>
<73>
Input data
Output data
Remarks 1. Broken lines indicate high impedance.
2. n = 0 to 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com