Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD703003A Datasheet(PDF) 9 Page - NEC

Part # UPD703003A
Description  V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD703003A Datasheet(HTML) 9 Page - NEC

Back Button UPD703003A Datasheet HTML 5Page - NEC UPD703003A Datasheet HTML 6Page - NEC UPD703003A Datasheet HTML 7Page - NEC UPD703003A Datasheet HTML 8Page - NEC UPD703003A Datasheet HTML 9Page - NEC UPD703003A Datasheet HTML 10Page - NEC UPD703003A Datasheet HTML 11Page - NEC UPD703003A Datasheet HTML 12Page - NEC UPD703003A Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
9
µPD703003A, 703004A, 703025A
Data Sheet U13188EJ4V0DS00
2.2 Non-Port Pins
(1/2)
Pin Name
I/O
Function
Alternate Function
TO110
Output
Pulse signal output from timers 11 to 14
P00
TO111
P01
TO120
P10
TO121
P11
TO130
P30
TO131
P31
TO140
P110
TO141
P111
TCLR11
Input
External clear signal input for timers 11 to 14
P02
TCLR12
P12
TCLR13
P32
TCLR14
P112
TI11
Input
External count clock input for timers 11 to 14
P03
TI12
P13
TI13
P33
TI14
P113
INTP110
Input
External maskable interrupt request input, also used as external capture
P04
INTP111
trigger input for timer 11
P05
INTP112
P06
INTP113
P07/ADTRG
INTP120
Input
External maskable interrupt request input, also used as external capture
P14
INTP121
trigger input for timer 12
P15/SO2
INTP122
P16/SI2
INTP123
P17/SCK2
INTP130
Input
External maskable interrupt request input, also used as external capture
P34
INTP131
trigger input for timer 13
P35/SO3
INTP132
P36/SI3
INTP133
P37/SCK3
INTP140
Input
External maskable interrupt request input, also used as external capture
P114
INTP141
trigger input for timer 14
P115
INTP142
P116
INTP143
P117
SO0
Output
Serial transmit data output (3-wire) for CSI0 to CSI3
P22/TXD0
SO1
P25/TXD1
SO2
P15/INTP121
SO3
P35/INTP131
SI0
Input
Serial receive data input (3-wire) for CSI0 to CSI3
P23/RXD0
SI1
P26/RXD1
SI2
P16/INTP122
SI3
P36/INTP132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com