Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD703003A Datasheet(PDF) 28 Page - NEC

Part # UPD703003A
Description  V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD703003A Datasheet(HTML) 28 Page - NEC

Back Button UPD703003A Datasheet HTML 24Page - NEC UPD703003A Datasheet HTML 25Page - NEC UPD703003A Datasheet HTML 26Page - NEC UPD703003A Datasheet HTML 27Page - NEC UPD703003A Datasheet HTML 28Page - NEC UPD703003A Datasheet HTML 29Page - NEC UPD703003A Datasheet HTML 30Page - NEC UPD703003A Datasheet HTML 31Page - NEC UPD703003A Datasheet HTML 32Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
µPD703003A, 703004A, 703025A
28
Data Sheet U13188EJ4V0DS00
(7) Bus hold timing (1/2)
Parameter
Symbol
Conditions
25 MHz Version
33 MHz Version
Units
MIN.
MAX.
MIN.
MAX.
HLDRQ setup time (to CLKOUT
↓) <54> tSHQK
55
ns
HLDRQ hold time (from CLKOUT
↓) <55> tHKHQ
55
ns
HLDAK delay time from CLKOUT
↑ <56> tDKHA
20
20
ns
HLDRQ high-level width
<57> tWHQH
T + 10
T + 10
ns
HLDAK low-level width
<58> tWHAL
–40
°C ≤ TA ≤ +70°C
T – 10
T – 10
ns
70
°C < TA ≤ 85°C
T – 12
T – 12
ns
Delay time from CLKOUT
↑ to bus float <59> tDKF
20
20
ns
Delay time from HLDAK
↑ to bus output <60> tDHAC
–3
–3
ns
Delay time from HLDRQ
↓ to HLDAK↓ <61> tDHQHA1
(2n + 7.5)T + 20
(2n + 7.5)T + 20
ns
Delay time from HLDRQ
↑ to HLDAK↑ <62> tDHQHA2
0.5T
1.5T + 20
0.5T
1.5T + 20
ns
Remarks 1. T = tCYK
2. n indicates the number of wait clocks that are inserted during a bus cycle. The sampling timing may
vary when using the programmable wait insertion function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com