Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD703003A Datasheet(PDF) 13 Page - NEC

Part # UPD703003A
Description  V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD703003A Datasheet(HTML) 13 Page - NEC

Back Button UPD703003A Datasheet HTML 9Page - NEC UPD703003A Datasheet HTML 10Page - NEC UPD703003A Datasheet HTML 11Page - NEC UPD703003A Datasheet HTML 12Page - NEC UPD703003A Datasheet HTML 13Page - NEC UPD703003A Datasheet HTML 14Page - NEC UPD703003A Datasheet HTML 15Page - NEC UPD703003A Datasheet HTML 16Page - NEC UPD703003A Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
13
µPD703003A, 703004A, 703025A
Data Sheet U13188EJ4V0DS00
Figure 2-1. Pin Input/Output Circuits
Type 1
Type 2
Type 8
Type 3
P-ch
N-ch
IN
VDD
IN
Schmitt-triggered input with hysteresis characteristics
P-ch
N-ch
VDD
OUT
P-ch
N-ch
VDD
IN/OUT
Data
Output
disable
Type 5
P-ch
N-ch
VDD
IN/OUT
Data
Output
disable
Input
enable
IN
Comparator
+
–
VREF (threshold voltage)
P-ch
N-ch
Input enable
Type 9
Data
Output disable
P-ch
IN/OUT
VDD
N-ch
P-ch
VDD
Pull-up
enable
Open drain
Type 10-A
OUT
P-ch
N-ch
Analog output voltage
Type 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com