Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD703003A Datasheet(PDF) 3 Page - NEC

Part # UPD703003A
Description  V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD703003A Datasheet(HTML) 3 Page - NEC

  UPD703003A Datasheet HTML 1Page - NEC UPD703003A Datasheet HTML 2Page - NEC UPD703003A Datasheet HTML 3Page - NEC UPD703003A Datasheet HTML 4Page - NEC UPD703003A Datasheet HTML 5Page - NEC UPD703003A Datasheet HTML 6Page - NEC UPD703003A Datasheet HTML 7Page - NEC UPD703003A Datasheet HTML 8Page - NEC UPD703003A Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
3
µPD703003A, 703004A, 703025A
Data Sheet U13188EJ4V0DS00
PIN NAMES
A16 to A19:
Address Bus
P30 to P37:
Port 3
AD0 to AD15:
Address/Data Bus
P40 to P47:
Port 4
ADTRG:
AD Trigger Input
P50 to P57:
Port 5
ANI0 to ANI7:
Analog Input
P60 to P63:
Port 6
ANO0, ANO1:
Analog Output
P70 to P77:
Port 7
ASTB:
Address Strobe
P90 to P96:
Port 9
AVDD:
Analog Power Supply
P110 to P117:
Port 11
AVREF1 to AVREF3:
Analog Reference Voltage
PWM0, PWM1:
Pulse Width Modulation
AVSS:
Analog Ground
RESET:
Reset
CVDD:
Power Supply for Clock Generator
R/W:
Read/Write Status
CVSS:
Ground for Clock Generator
RXD0, RXD1:
Receive Data
CKSEL:
Clock Select
SCK0 to SCK3:
Serial Clock
CLKOUT:
Clock Output
SI0 to SI3:
Serial Input
DSTB:
Data Strobe
SO0 to SO3:
Serial Output
HLDAK:
Hold Acknowledge
TO110, TO111,:
Timer Output
HLDRQ:
Hold Request
TO120, TO121,
IC:
Internally Connected
TO130, TO131,
INTP110 to INTP113,: Interrupt Request from Peripherals
TO140, TO141
INTP120 to INTP123,
TCLR11 to TCLR14: Timer Clear
INTP130 to INTP133,
TI11 to TI14:
Timer Input
INTP140 to INTP143
TXD0, TXD1:
Transmit Data
LBEN:
Lower Byte Enable
UBEN:
Upper Byte Enable
MODE:
Mode
WAIT:
Wait
NMI:
Non-maskable Interrupt Request
X1, X2:
Crystal
P00 to P07:
Port 0
VDD:
Power Supply
P10 to P17:
Port 1
VSS:
Ground
P20 to P27:
Port 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com