Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD703100-40 Datasheet (PDF) - NEC

UPD703100-40 Datasheet PDF - NEC
Part # UPD703100-40
Download  UPD703100-40 Download
File Size   752.8 Kbytes
Page   126 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS

UPD703100-40 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD703100-40 Datasheet PDF - NEC

Part # UPD703100-40
Download  UPD703100-40 Click to download

File Size   752.8 Kbytes
Page   126 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS

UPD703100-40 Datasheet (HTML) - NEC


UPD703100-40 Product details

The µPD703101-33 and µPD703102-33 are members of the V850 FamilyTM of 32-bit single-chip microcontrollers designed for real-time control operations. These microcontrollers provide on-chip features, including a 32-bit CPU core, ROM, RAM, interrupt controller, real-time pulse unit, serial interface, A/D converter, and DMA controller. The µPD703100-33 and µPD703100-40 are ROM-less versions of the µPD703101-33 and µPD703102-33 products.
The µPD703100-A33, µPD703100-A40, µPD703101-A33, and µPD703102-A33 are also available as products having a 3.3-V power supply for external pins.

FEATURES
• Number of instructions: 81
• Minimum instruction execution time 25 ns (@ 40-MHz operation) ·····µPD703100-40
                                                   30 ns (@ 33-MHz operation) ·····µPD703100-33, 703101-33, 703102-33
• General registers 32 bits × 32
• Instruction set optimized for control applications
• Internal memory ROM: None (µPD703100-33, 703100-40), 96 Kbytes (µPD703101-33), 128 Kbytes (µPD703102-33)
                          RAM : 4 Kbytes
• Advanced on-chip interrupt controller
• Real-time pulse unit suitable for control operations
• Powerful serial interface (on-chip dedicated baud rate generator)
• On-chip clock generator
• 10-bit resolution A/D converter: 8 channels
• DMA controller: 4 channels
• Power saving functions

APPLICATIONS
• Office automation equipment: printers, facsimile machines, PPCs, etc.
• Multimedia equipment: digital still cameras, video printers, etc.
• Consumer equipment: single-lens reflex cameras, etc.
• Industrial equipment: motor controllers, NC machine tools, etc.




Similar Part No. - UPD703100-40

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD703100-40 RENESAS-UPD703100-40 Datasheet
680Kb / 84P
MOS INTEGRATED CIRCUIT
1999
More results


Similar Description - UPD703100-40

ManufacturerPart #DatasheetDescription
logo
NEC
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703034A NEC-UPD703034A Datasheet
356Kb / 31P
V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703037A NEC-UPD703037A Datasheet
332Kb / 28P
V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703039 NEC-UPD703039 Datasheet
292Kb / 9P
V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3040 NEC-UPD70F3040 Datasheet
283Kb / 44P
V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
32-Bit Single-Chip Microcontrollers
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
32-Bit Single-Chip Microcontrollers
logo
Renesas Technology Corp
PD70F3461 RENESAS-PD70F3461_15 Datasheet
926Kb / 63P
V850E/CAG4-M 32-Bit Single-Chip Microcontroller
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com