Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1424-5 Datasheet (PDF) - Linear Technology

LT1424-5 Datasheet PDF - Linear Technology
Part # LT1424-5
Download  LT1424-5 Download
File Size   201.26 Kbytes
Page   16 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Isolated Flyback Switching Regulator with 5V Output

LT1424-5 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1424-5 Datasheet PDF - Linear Technology

Part # LT1424-5
Download  LT1424-5 Click to download

File Size   201.26 Kbytes
Page   16 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Isolated Flyback Switching Regulator with 5V Output

LT1424-5 Datasheet (HTML) - Linear Technology




Similar Part No. - LT1424-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1424-5 LINER-LT1424-5 Datasheet
195Kb / 16P
Isolated Flyback Switching Regulator with 5V Output
More results


Similar Description - LT1424-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1424-9 LINER-LT1424-9 Datasheet
141Kb / 16P
Isolated Flyback Switching Regulator with 9V Output
LT1425 LINER-LT1425 Datasheet
341Kb / 20P
Isolated Flyback Switching Regulator
logo
NTE Electronics
NTE7166 NTE-NTE7166 Datasheet
30Kb / 3P
Integrated Circuit Flyback Switching Regulator
logo
Linear Technology
LT1424-5 LINER-LT1424-5 Datasheet
195Kb / 16P
Isolated Flyback Switching Regulator with 5V Output
logo
Analog Devices
ADUM3070 AD-ADUM3070 Datasheet
739Kb / 20P
Isolated Switching Regulator
REV. 0
logo
Linear Technology
LT1424-9 LINER-LT1424-9_15 Datasheet
200Kb / 16P
Isolated Flyback Switching Regulator with 9V Output
LT1425 LINER-LT1425_15 Datasheet
300Kb / 20P
Isolated Flyback Switching Regulator
logo
STMicroelectronics
STEVAL-ISA136V1 STMICROELECTRONICS-STEVAL-ISA136V1 Datasheet
253Kb / 4P
3W, 5V output, isolated flyback converter using VIPer™ Plus - VIPER06HN
May 2014 Rev 2
logo
Sanken electric
STRW5453A SANKEN-STRW5453A Datasheet
79Kb / 1P
Resonant Flyback Switching Regulator
logo
Analog Devices
ADUM4070 AD-ADUM4070 Datasheet
561Kb / 20P
Isolated Switching Regulator with Integrated Feedback
Rev. 0
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com