Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD72850A Datasheet (PDF) - NEC

UPD72850A Datasheet PDF - NEC
Part # UPD72850A
Download  UPD72850A Download
File Size   290.84 Kbytes
Page   48 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description IEEE1394 400Mbps PHY

UPD72850A Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD72850A Datasheet PDF - NEC

Part # UPD72850A
Download  UPD72850A Click to download

File Size   290.84 Kbytes
Page   48 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description IEEE1394 400Mbps PHY

UPD72850A Datasheet (HTML) - NEC


UPD72850A Product details

The µPD72850A is the 3-port physical layer LSI which complies with the P1394a draft 2.0 specifications.
The µPD72850A works up to 400 Mbps. It is an upgrade of NECs µPD72850.

FEATURES
• The Three-port Physical Layer LSI complies to IEEE P1394a draft 2.0
• Connection debounce
• Arbitration enhancements
    • Arbitrated short bus reset
    • Ack-accelerated arbitration
    • Fly-by concatenation
    • Multiple-speed packet concatenation
    • Arbitration enhancements and cycle start (controlled by the Link layer)
• Performance optimization via PHY pinging
• Priority arbitration (controlled by the Link layer)
• Data rate: 393.216 / 196.608 / 98.304 Mbps
• Compliant with Suspend/Resume function as defined in P1394a draft 2.1
• 3.3 V single power supply
• Electrical isolated Link interface
• 24.576 MHz crystal clock generation, 393.216 MHz PLL multiplying frequency
• System power management by signaling of node power class information
• Cable power monitor (CPS) is equipped
• Fully interoperable with IEEE1394 std 1394 Link (FireWireTM, i.LINKTM)
• Cable bias and terminal voltage driver supply function (for 3-port each)
• Separate digital power and analog GND
• Enable/Disable port control switch when power supply is powered on
• Support Suspend/Resume Off mode (Compliant with P1394a draft 1.3)
• Number of supported port are selectable
    • 1port, 2port, 3port. This selection is only under Suspend/Resume Off mode
• Compliant with MD8405E (FUJIFILM MICRODEVICES CO., LTD)




Similar Part No. - UPD72850A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD72850A RENESAS-UPD72850A Datasheet
482Kb / 50P
MOS INTEGRATED CIRCUIT
1999
UPD72850AGK-9EU RENESAS-UPD72850AGK-9EU Datasheet
482Kb / 50P
MOS INTEGRATED CIRCUIT
1999
More results


Similar Description - UPD72850A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD72862 NEC-UPD72862 Datasheet
194Kb / 36P
IEEE1394 OHCI HOST CONTROLLER
UPD72870A NEC-UPD72870A Datasheet
331Kb / 27P
IEEE1394 1-CHIP OHCI HOST CONTROLLER
logo
STMicroelectronics
SBPH400-3 STMICROELECTRONICS-SBPH400-3 Datasheet
297Kb / 43P
IEEE1394 3-Port 400Mbps Physical Layer
16-Mar-1998
logo
fujitsu semiconductor
MB86616 FUJITSU-MB86616 Datasheet
605Kb / 63P
IEEE1394-SCSI Tailgate
logo
NEC
UPD72874 NEC-UPD72874 Datasheet
297Kb / 40P
IEEE1394 OHCI 1.1 COMPLIANT 3PORT PHY-LINK 1-CHIP HOST CONTROLLER
logo
fujitsu semiconductor
MB86613S FUJITSU-MB86613S Datasheet
758Kb / 134P
IEEE1394 Open HCI Controller
logo
Qualtek Electronics Cor...
1821005-03 QUALTEK-1821005-03 Datasheet
415Kb / 1P
IEEE1394 4P/M - IEEE1394 4P/M
1821011-06 QUALTEK-1821011-06 Datasheet
416Kb / 1P
IEEE1394 4P/M - IEEE1394 4P/M
1821017-10 QUALTEK-1821017-10 Datasheet
416Kb / 1P
IEEE1394 4P/M - IEEE1394 4P/M
1821023-15 QUALTEK-1821023-15 Datasheet
416Kb / 1P
IEEE1394 4P/M - IEEE1394 4P/M
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com