Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD72850A Datasheet (PDF) - Renesas Technology Corp

UPD72850A Datasheet PDF - Renesas Technology Corp
Part # UPD72850A
Download  UPD72850A Download
File Size   482.24 Kbytes
Page   50 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD72850A Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD72850A Datasheet PDF - Renesas Technology Corp

Part # UPD72850A
Download  UPD72850A Click to download

File Size   482.24 Kbytes
Page   50 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD72850A Datasheet (HTML) - Renesas Technology Corp


UPD72850A Product details

FEATURES
• The Three-port Physical Layer LSI complies to IEEE P1394a draft 2.0
• Connection debounce
• Arbitration enhancements
• Arbitrated short bus reset
• Ack-accelerated arbitration
• Fly-by concatenation
• Multiple-speed packet concatenation
• Arbitration enhancements and cycle start (controlled by the Link layer)
• Performance optimization via PHY pinging
• Priority arbitration (controlled by the Link layer)
• Data rate: 393.216 / 196.608 / 98.304 Mbps
• Compliant with Suspend/Resume function as defined in P1394a draft 2.1
• 3.3 V single power supply
• Electrical isolated Link interface
• 24.576 MHz crystal clock generation, 393.216 MHz PLL multiplying frequency
• System power management by signaling of node power class information
• Cable power monitor (CPS) is equipped
• Fully interoperable with IEEE1394 std 1394 Link (FireWireTM, i.LINKTM)
• Cable bias and terminal voltage driver supply function (for 3-port each)
• Separate digital power and analog GND
• Enable/Disable port control switch when power supply is powered on




Similar Part No. - UPD72850A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD72850A NEC-UPD72850A Datasheet
290Kb / 48P
IEEE1394 400Mbps PHY
UPD72850AGK-9EU NEC-UPD72850AGK-9EU Datasheet
290Kb / 48P
IEEE1394 400Mbps PHY
More results


Similar Description - UPD72850A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
MOS Integrated Circuit
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
MOS Integrated Circuit
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
MOS Integrated Circuit
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
MOS INTEGRATED CIRCUIT
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
MOS INTEGRATED CIRCUIT
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com