Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1024EA Datasheet (PDF) - Lattice Semiconductor

1024EA Datasheet PDF - Lattice Semiconductor
Part # 1024EA
Download  1024EA Download
File Size   162.63 Kbytes
Page   13 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description In-System Programmable High Density PLD

1024EA Datasheet (PDF)

Go To PDF Page Download Datasheet
1024EA Datasheet PDF - Lattice Semiconductor

Part # 1024EA
Download  1024EA Click to download

File Size   162.63 Kbytes
Page   13 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description In-System Programmable High Density PLD

1024EA Datasheet (HTML) - Lattice Semiconductor


1024EA Product details

Description
The ispLSI 1024EA is a High Density Programmable Logic Device containing 144 Registers, 48 Universal I/O pins, two Dedicated Input pins, four Dedicated Clock Input pins and a Global Routing Pool (GRP).

Features
• HIGH DENSITY PROGRAMMABLE LOGIC
    — 4000 PLD Gates
    — 48 I/O Pins, Two Dedicated Inputs
    — 144 Registers
    — High Speed Global Interconnect
    — Wide Input Gating for Fast Counters, State
        Machines, Address Decoders, etc.
    — Small Logic Block Size for Random Logic
• NEW FEATURES
    — 100% IEEE 1149.1 Boundary Scan Testable
    — ispJTAG™ In-System Programmable via IEEE 1149.1
        (JTAG) Test Access Port
    — User Selectable 3.3V or 5V I/O Supports
        MixedVoltage Systems (VCCIO Pin)
    — Open-Drain Output Option
• HIGH PERFORMANCE E2CMOS® TECHNOLOGY
    — fmax = 200 MHz Maximum Operating Frequency
    — tpd = 4.5 ns Propagation Delay
    — TTL Compatible Inputs and Outputs
    — Electrically Erasable and Reprogrammable
    — Non-Volatile
    — 100% Tested at Time of Manufacture
    — Unused Product Term Shutdown Saves Power
• IN-SYSTEM PROGRAMMABLE
    — Increased Manufacturing Yields, Reduced Time-to-Market
        and Improved Product Quality
    — Reprogram Soldered Devices for Faster Prototyping
• OFFERS THE EASE OF USE AND FAST SYSTEM
    SPEED OF PLDs WITH THE DENSITY AND FLEXIBILITY
    OF FIELD PROGRAMMABLE GATE ARRAYS
    — Complete Programmable Device Can Combine Glue
        Logic and Structured Designs
    — Enhanced Pin Locking Capability
    — Four Dedicated Clock Input Pins
    — Synchronous and Asynchronous Clocks
    — Programmable Output Slew Rate Control to
        Minimize Switching Noise
    — Flexible Pin Placement
    — Optimized Global Routing Pool Provides Global
        Interconnectivity
• ispDesignEXPERT™ – LOGIC COMPILER
    AND COMPLETE ISP DEVICE DESIGN SYSTEMS FROM HDL
    SYNTHESIS THROUGH IN-SYSTEM PROGRAMMING
    — Superior Quality of Results
    — Tightly Integrated with Leading CAE Vendor Tools
    — Productivity Enhancing Timing Analyzer, Explore
        Tools, Timing Simulator and ispANALYZER™
    — PC and UNIX Platforms
   




Similar Part No. - 1024EA

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
1024 LATTICE-1024 Datasheet
147Kb / 12P
In-System Programmable High Density PLD
logo
Time Electronics Ltd.
1024 TIME-ELECTRONICS-1024 Datasheet
294Kb / 2P
1024 DC Current Calibrator
04/22
logo
Lattice Semiconductor
1024-60LH/883 LATTICE-1024-60LH/883 Datasheet
147Kb / 12P
In-System Programmable High Density PLD
logo
List of Unclassifed Man...
10240 ETC2-10240 Datasheet
216Kb / 1P
Micastat Dissipative Laminate
logo
Heyco.
10240 HEYCO-10240 Datasheet
115Kb / 1P
Nylon PCB Supports - Imperial Spacing
More results


Similar Description - 1024EA

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
1024 LATTICE-1024 Datasheet
147Kb / 12P
In-System Programmable High Density PLD
1032 LATTICE-1032 Datasheet
151Kb / 12P
In-System Programmable High Density PLD
1032EA LATTICE-1032EA Datasheet
198Kb / 16P
In-System Programmable High Density PLD
1048C LATTICE-1048C Datasheet
185Kb / 12P
In-System Programmable High Density PLD
1048EA LATTICE-1048EA Datasheet
182Kb / 14P
In-System Programmable High Density PLD
ISPLSI3448 LATTICE-ISPLSI3448 Datasheet
173Kb / 14P
In-System Programmable High Density PLD
ISPLSI1016EA LATTICE-ISPLSI1016EA_07 Datasheet
207Kb / 13P
In-System Programmable High Density PLD
ISPLSI1016E LATTICE-ISPLSI1016E_06 Datasheet
269Kb / 13P
In-System Programmable High Density PLD
ISPLSI1048E LATTICE-ISPLSI1048E_06 Datasheet
287Kb / 17P
In-System Programmable High Density PLD
ISPLSI3256E LATTICE-ISPLSI3256E Datasheet
251Kb / 15P
In-System Programmable High Density PLD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com