Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2064VE Datasheet (PDF) - Lattice Semiconductor

2064VE Datasheet PDF - Lattice Semiconductor
Part # 2064VE
Download  2064VE Download
File Size   200.22 Kbytes
Page   15 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description 3.3V In-System Programmable High Density SuperFAST??PLD

2064VE Datasheet (PDF)

Go To PDF Page Download Datasheet
2064VE Datasheet PDF - Lattice Semiconductor

Part # 2064VE
Download  2064VE Click to download

File Size   200.22 Kbytes
Page   15 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description 3.3V In-System Programmable High Density SuperFAST??PLD

2064VE Datasheet (HTML) - Lattice Semiconductor


2064VE Product details

Description

The ispLSI 2064VE is a High Density Programmable Logic Device available in 64 and 32 I/O-pin versions. The device contains 64 Registers, four Dedicated Input pins, three Dedicated Clock Input pins, two dedicated Global OE input pins and a Global Routing Pool (GRP). The GRP provides complete interconnectivity between all of these elements. The ispLSI 2064VE features in-system programmability through the Boundary Scan Test Access Port (TAP) and is 100% IEEE 1149.1 Boundary Scan Testable. The ispLSI 2064VE offers non-volatile reprogrammability of the logic, as well as the interconnect, to provide truly reconfigurable systems.



Features

• SuperFAST HIGH DENSITY PROGRAMMABLE LOGIC

   — 2000 PLD Gates

   — 64 and 32 I/O Pin Versions, Four Dedicated Inputs

   — 64 Registers

   — High Speed Global Interconnect

   — Wide Input Gating for Fast Counters, State Machines, Address Decoders, etc.

   — Small Logic Block Size for Random Logic

   — 100% Functional, JEDEC and Pinout Compatible with ispLSI 2064V Devices

• 3.3V LOW VOLTAGE 2064 ARCHITECTURE

   — Interfaces with Standard 5V TTL Devices

• HIGH-PERFORMANCE E2CMOS® TECHNOLOGY

   — fmax = 280MHz* Maximum Operating Frequency

   — tpd = 3.5ns* Propagation Delay

   — Electrically Erasable and Reprogrammable

   — Non-Volatile

   — 100% Tested at Time of Manufacture

   — Unused Product Term Shutdown Saves Power

• IN-SYSTEM PROGRAMMABLE

   — 3.3V In-System Programmability (ISP™) Using Boundary Scan Test Access Port (TAP)

   — Open-Drain Output Option for Flexible Bus Interface Capability, Allowing Easy Implementation of Wired-OR or Bus Arbitration Logic

   — Increased Manufacturing Yields, Reduced Time-to Market and Improved Product Quality

   — Reprogram Soldered Devices for Faster Prototyping

• 100% IEEE 1149.1 BOUNDARY SCAN TESTABLE

• THE EASE OF USE AND FAST SYSTEM SPEED OF PLDs WITH THE DENSITY AND FLEXIBILITY OF FPGAs

   — Enhanced Pin Locking Capability

   — Three Dedicated Clock Input Pins

   — Synchronous and Asynchronous Clocks

   — Programmable Output Slew Rate Control

   — Flexible Pin Placement

   — Optimized Global Routing Pool Provides Global Interconnectivity

• ispDesignEXPERT™ – LOGIC COMPILER AND COMPLETE ISP DEVICE DESIGN SYSTEMS FROM HDL SYNTHESIS THROUGH IN-SYSTEM PROGRAMMING

   — Superior Quality of Results

   — Tightly Integrated with Leading CAE Vendor Tools

   — Productivity Enhancing Timing Analyzer, Explore Tools, Timing Simulator and ispANALYZER™

   — PC and UNIX Platforms



 




Similar Part No. - 2064VE

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
2.5V In-System Programmable SuperFAST??High Density PLD
More results


Similar Description - 2064VE

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
2032VE LATTICE-2032VE Datasheet
179Kb / 14P
3.3V In-System Programmable High Density SuperFAST??PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
3.3V In-System Programmable SuperFAST??High Density PLD
2128E LATTICE-2128E Datasheet
142Kb / 11P
In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
3.3V In-System Programmable SuperFAST??High Density PLD
2192VE LATTICE-2192VE Datasheet
144Kb / 15P
3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2032VE LATTICE-ISPLSI2032VE_06 Datasheet
260Kb / 15P
3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2128VE LATTICE-ISPLSI2128VE_04 Datasheet
200Kb / 20P
3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2192VE LATTICE-ISPLSI2192VE_04 Datasheet
161Kb / 15P
3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2128VE-100LTN100 LATTICE-ISPLSI2128VE-100LTN100 Datasheet
206Kb / 20P
3.3V In-System Programmable SuperFAST??High Density PLD
2064E LATTICE-2064E Datasheet
144Kb / 11P
In-System Programmable SuperFAST??High Density PLD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com