Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2192VE Datasheet (PDF) - Lattice Semiconductor

2192VE Datasheet PDF - Lattice Semiconductor
Part # 2192VE
Download  2192VE Download
File Size   144.44 Kbytes
Page   15 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description 3.3V In-System Programmable SuperFAST??High Density PLD

2192VE Datasheet (PDF)

Go To PDF Page Download Datasheet
2192VE Datasheet PDF - Lattice Semiconductor

Part # 2192VE
Download  2192VE Click to download

File Size   144.44 Kbytes
Page   15 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description 3.3V In-System Programmable SuperFAST??High Density PLD

2192VE Datasheet (HTML) - Lattice Semiconductor


2192VE Product details

Description
The ispLSI 2192VE is a High Density Programmable Logic Device containing 192 Registers, nine or twelve Dedicated Input pins, three Dedicated Clock Input pins, two dedicated Global OE input pins and a Global Routing Pool (GRP). The GRP provides complete interconnectivity between all of these elements. The ispLSI 2192VE features in-system programmability through the Boundary Scan Test Access Port (TAP) and is 100% IEEE 1149.1 Boundary Scan Testable. The ispLSI 2192VE offers non-volatile reprogrammability of the logic, as well as the interconnect to provide truly reconfigurable systems.

Features
• SuperFAST HIGH DENSITY IN-SYSTEM PROGRAMMABLE LOGIC
    — 8000 PLD Gates
    — 96 I/O Pins, Nine or Twelve Dedicated Inputs
    — 192 Registers
    — High Speed Global Interconnect
    — Wide Input Gating for Fast Counters, State Machines, Address Decoders, etc.
    — Small Logic Block Size for Random Logic
    — Pinout Compatible with ispLSI 2096V and 2096VE
• 3.3V LOW VOLTAGE ARCHITECTURE
    — Interfaces with Standard 5V TTL Devices
• HIGH PERFORMANCE E2CMOS® TECHNOLOGY
    — fmax = 225MHz* Maximum Operating Frequency
    — tpd = 4.0ns* Propagation Delay
    — Electrically Erasable and Reprogrammable
    — Non-Volatile
    — 100% Tested at Time of Manufacture
    — Unused Product Term Shutdown Saves Power
• IN-SYSTEM PROGRAMMABLE
    — 3.3V In-System Programmability (ISP™) Using Boundary Scan Test Access Port (TAP)
    — Open-Drain Output Option for Flexible Bus Interface Capability, Allowing Easy Implementation of WiredOR Bus Arbitration Logic
    — Increased Manufacturing Yields, Reduced Time-toMarket and Improved Product Quality
    — Reprogram Soldered Devices for Faster Prototyping
• 100% IEEE 1149.1 BOUNDARY SCAN TESTABLE
• THE EASE OF USE AND FAST SYSTEM SPEED OF PLDs WITH THE DENSITY AND FLEXIBILITY OF FPGAS
    — Enhanced Pin Locking Capability
    — Three Dedicated Clock Input Pins
    — Synchronous and Asynchronous Clocks
    — Programmable Output Slew Rate Control
    — Flexible Pin Placement
    — Optimized Global Routing Pool Provides Global Interconnectivity
• ispDesignEXPERT™ – LOGIC COMPILER AND COMPLETE ISP DEVICE DESIGN SYSTEMS FROM HDL SYNTHESIS THROUGH IN-SYSTEM PROGRAMMING
    — Superior Quality of Results
    — Tightly Integrated with Leading CAE Vendor Tools
    — Productivity Enhancing Timing Analyzer, Explore Tools, Timing Simulator and ispANALYZER™
    — PC and UNIX Platforms




Similar Part No. - 2192VE

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
2.5V In-System Programmable SuperFAST??High Density PLD
More results


Similar Description - 2192VE

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
2032VE LATTICE-2032VE Datasheet
179Kb / 14P
3.3V In-System Programmable High Density SuperFAST??PLD
2064VE LATTICE-2064VE Datasheet
200Kb / 15P
3.3V In-System Programmable High Density SuperFAST??PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
3.3V In-System Programmable SuperFAST??High Density PLD
2128E LATTICE-2128E Datasheet
142Kb / 11P
In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2032VE LATTICE-ISPLSI2032VE_06 Datasheet
260Kb / 15P
3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2128VE LATTICE-ISPLSI2128VE_04 Datasheet
200Kb / 20P
3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2192VE LATTICE-ISPLSI2192VE_04 Datasheet
161Kb / 15P
3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2128VE-100LTN100 LATTICE-ISPLSI2128VE-100LTN100 Datasheet
206Kb / 20P
3.3V In-System Programmable SuperFAST??High Density PLD
2064E LATTICE-2064E Datasheet
144Kb / 11P
In-System Programmable SuperFAST??High Density PLD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com