Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GAL18V10 Datasheet (PDF) - Lattice Semiconductor

GAL18V10 Datasheet PDF - Lattice Semiconductor
Part # GAL18V10
Download  GAL18V10 Download
File Size   265.87 Kbytes
Page   16 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description High Performance E2CMOS PLD Generic Array Logic

GAL18V10 Datasheet (PDF)

Go To PDF Page Download Datasheet
GAL18V10 Datasheet PDF - Lattice Semiconductor

Part # GAL18V10
Download  GAL18V10 Click to download

File Size   265.87 Kbytes
Page   16 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description High Performance E2CMOS PLD Generic Array Logic

GAL18V10 Datasheet (HTML) - Lattice Semiconductor


GAL18V10 Product details

Description

The GAL18V10, at 7.5 ns maximum propagation delay time, combines a high performance CMOS process with Electrically Erasable (E2) floating gate technology to provide a very flexible 20-pin PLD. CMOS circuitry allows the GAL18V10 to consume much less power when compared to its bipolar counterparts. The E2 technology offers high speed (<100ms) erase times, providing the ability to reprogram or reconfigure the device quickly and efficiently.



Features

• HIGH PERFORMANCE E2CMOS®TECHNOLOGY

— 7.5 ns Maximum Propagation Delay

— Fmax = 111 MHz

— 5.5 ns Maximum from Clock Input to Data Output

— TTL Compatible 16 mA Outputs

— UltraMOS® Advanced CMOS Technology

• LOW POWER CMOS

— 75 mA Typical Icc

• ACTIVE PULL-UPS ON ALL PINS

• E2CELL TECHNOLOGY

— Reconfigurable Logic

— Reprogrammable Cells

— 100% Tested/100% Yields

— High Speed Electrical Erasure (<100ms)

— 20 Year Data Retention

• TEN OUTPUT LOGIC MACROCELLS

— Uses Standard 22V10 Macrocell Architecture

— Maximum Flexibility for Complex Logic Designs

• PRELOAD AND POWER-ON RESET OF REGISTERS

— 100% Functional Testability

• APPLICATIONS INCLUDE:

— DMA Control

— State Machine Control

— High Speed Graphics Processing

— Standard Logic Speed Upgrade

• ELECTRONIC SIGNATURE FOR IDENTIFICATION




Similar Part No. - GAL18V10

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL1883 LATTICE-GAL1883 Datasheet
293Kb / 8P
High Performance E2CMOS PLD Generic Array Logic?
More results


Similar Description - GAL18V10

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL16V8 LATTICE-GAL16V8 Datasheet
316Kb / 22P
High Performance E2CMOS PLD Generic Array Logic
GAL16V811111 LATTICE-GAL16V811111 Datasheet
392Kb / 23P
High Performance E2CMOS PLD Generic Array Logic
GAL20V8 LATTICE-GAL20V8 Datasheet
308Kb / 23P
High Performance E2CMOS PLD Generic Array Logic
GAL22V10 LATTICE-GAL22V10 Datasheet
386Kb / 29P
High Performance E2CMOS PLD Generic Array Logic
26CV12 LATTICE-26CV12 Datasheet
255Kb / 17P
High Performance E2CMOS PLD Generic Array Logic
GAL16V8 LATTICE-GAL16V8_98 Datasheet
395Kb / 22P
High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8_04 Datasheet
339Kb / 23P
High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8_06 Datasheet
654Kb / 24P
High Performance E2CMOS PLD Generic Array Logic?
GAL20V8 LATTICE-GAL20V8_06 Datasheet
582Kb / 25P
High Performance E2CMOS PLD Generic Array Logic?
5962-8983902RA LATTICE-5962-8983902RA Datasheet
293Kb / 8P
High Performance E2CMOS PLD Generic Array Logic?
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com