Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GAL22V10 Datasheet (PDF) - Lattice Semiconductor

GAL22V10 Datasheet PDF - Lattice Semiconductor
Part # GAL22V10
Download  GAL22V10 Download
File Size   386.45 Kbytes
Page   29 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description High Performance E2CMOS PLD Generic Array Logic

GAL22V10 Datasheet (PDF)

Go To PDF Page Download Datasheet
GAL22V10 Datasheet PDF - Lattice Semiconductor

Part # GAL22V10
Download  GAL22V10 Click to download

File Size   386.45 Kbytes
Page   29 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description High Performance E2CMOS PLD Generic Array Logic

GAL22V10 Datasheet (HTML) - Lattice Semiconductor


GAL22V10 Product details

Description
The GAL22V10, at 4ns maximum propagation delay time, combines a high performance CMOS process with Electrically Erasable (E2) floating gate technology to provide the highest performance available of any 22V10 device on the market. CMOS circuitry allows the GAL22V10 to consume much less power when compared to bipolar 22V10 devices. E2 technology offers high speed (<100ms) erase times, providing the ability to reprogram or reconfigure the device quickly and efficiently.

Features
• HIGH PERFORMANCE E2CMOS® TECHNOLOGY
    — 4 ns Maximum Propagation Delay
    — Fmax = 250 MHz
    — 3.5 ns Maximum from Clock Input to Data Output
    — UltraMOS® Advanced CMOS Technology
• ACTIVE PULL-UPS ON ALL PINS
• COMPATIBLE WITH STANDARD 22V10 DEVICES
    — Fully Function/Fuse-Map/Parametric Compatible with Bipolar and UVCMOS 22V10 Devices
• 50% to 75% REDUCTION IN POWER VERSUS BIPOLAR
    — 90mA Typical Icc on Low Power Device
    — 45mA Typical Icc on Quarter Power Device
• E2 CELL TECHNOLOGY
    — Reconfigurable Logic
    — Reprogrammable Cells
    — 100% Tested/100% Yields
    — High Speed Electrical Erasure (<100ms)
    — 20 Year Data Retention
• TEN OUTPUT LOGIC MACROCELLS
    — Maximum Flexibility for Complex Logic Designs
• PRELOAD AND POWER-ON RESET OF REGISTERS
    — 100% Functional Testability
• APPLICATIONS INCLUDE:
    — DMA Control
    — State Machine Control
    — High Speed Graphics Processing
    — Standard Logic Speed Upgrade
• ELECTRONIC SIGNATURE FOR IDENTIFICATION




Similar Part No. - GAL22V10

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
GAL22V10-15 NSC-GAL22V10-15 Datasheet
496Kb / 13P
GENERIC ARRAY LOGIC
GAL22V10-15LJC NSC-GAL22V10-15LJC Datasheet
496Kb / 13P
GENERIC ARRAY LOGIC
GAL22V10-15LJI NSC-GAL22V10-15LJI Datasheet
496Kb / 13P
GENERIC ARRAY LOGIC
GAL22V10-15LJM NSC-GAL22V10-15LJM Datasheet
496Kb / 13P
GENERIC ARRAY LOGIC
GAL22V10-15LNC NSC-GAL22V10-15LNC Datasheet
496Kb / 13P
GENERIC ARRAY LOGIC
More results


Similar Description - GAL22V10

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL16V8 LATTICE-GAL16V8 Datasheet
316Kb / 22P
High Performance E2CMOS PLD Generic Array Logic
GAL16V811111 LATTICE-GAL16V811111 Datasheet
392Kb / 23P
High Performance E2CMOS PLD Generic Array Logic
GAL18V10 LATTICE-GAL18V10 Datasheet
265Kb / 16P
High Performance E2CMOS PLD Generic Array Logic
GAL20V8 LATTICE-GAL20V8 Datasheet
308Kb / 23P
High Performance E2CMOS PLD Generic Array Logic
26CV12 LATTICE-26CV12 Datasheet
255Kb / 17P
High Performance E2CMOS PLD Generic Array Logic
GAL16V8 LATTICE-GAL16V8_98 Datasheet
395Kb / 22P
High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8_04 Datasheet
339Kb / 23P
High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8_06 Datasheet
654Kb / 24P
High Performance E2CMOS PLD Generic Array Logic?
GAL20V8 LATTICE-GAL20V8_06 Datasheet
582Kb / 25P
High Performance E2CMOS PLD Generic Array Logic?
5962-8983902RA LATTICE-5962-8983902RA Datasheet
293Kb / 8P
High Performance E2CMOS PLD Generic Array Logic?
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com