Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GAL26CLV12 Datasheet (PDF) - Lattice Semiconductor

GAL26CLV12 Datasheet PDF - Lattice Semiconductor
Part # GAL26CLV12
Download  GAL26CLV12 Download
File Size   225.56 Kbytes
Page   13 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description Low Voltage E2CMOS PLD Generic Array Logic

GAL26CLV12 Datasheet (PDF)

Go To PDF Page Download Datasheet
GAL26CLV12 Datasheet PDF - Lattice Semiconductor

Part # GAL26CLV12
Download  GAL26CLV12 Click to download

File Size   225.56 Kbytes
Page   13 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description Low Voltage E2CMOS PLD Generic Array Logic

GAL26CLV12 Datasheet (HTML) - Lattice Semiconductor


GAL26CLV12 Product details

Description
The GAL26CLV12D, at 5 ns maximum propagation delay time, provides higher performance than its 5V counterpart. The GAL26CLV12D can interface with both 3.3V and 5V signal levels. The GAL26CLV12D is manufactured using Lattice Semiconductors advanced 3.3V E2CMOS process, which combines CMOS with Electrically Erasable (E2) floating gate technology. High speed erase times (<100ms) allow the devices to be reprogrammed quickly and efficiently.

Features
• HIGH PERFORMANCE E2CMOS® TECHNOLOGY
    — 5 ns Maximum Propagation Delay
    — Fmax = 200 MHz
    — 3.5 ns Maximum from Clock Input to Data Output
    — UltraMOS® Advanced CMOS Technology
• 3.3V LOW VOLTAGE 26CV12 ARCHITECTURE
    — JEDEC-Compatible 3.3V Interface Standard
    — Inputs and I/O Interface with Standard 5V TTL Devices
• ACTIVE PULL-UPS ON ALL PINS
• E2 CELL TECHNOLOGY
    — Reconfigurable Logic
    — Reprogrammable Cells
    — 100% Tested/100% Yields
    — High Speed Electrical Erasure (<100ms)
    — 20 Year Data Retention
• TWELVE OUTPUT LOGIC MACROCELLS
    — Maximum Flexibility for Complex Logic Designs
    — Programmable Output Polarity
• PRELOAD AND POWER-ON RESET OF ALL REGISTERS
    — 100% Functional Testability
• APPLICATIONS INCLUDE:
    — Glue Logic for 3.3V Systems
    — DMA Control
    — State Machine Control
    — High Speed Graphics Processing
    — Standard Logic Speed Upgrade
• ELECTRONIC SIGNATURE FOR IDENTIFICATION




Similar Part No. - GAL26CLV12

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL26CV12 LATTICE-GAL26CV12 Datasheet
255Kb / 17P
High Performance E2CMOS PLD Generic Array Logic
GAL26CV12B-10LJ LATTICE-GAL26CV12B-10LJ Datasheet
255Kb / 17P
High Performance E2CMOS PLD Generic Array Logic
GAL26CV12B-10LP LATTICE-GAL26CV12B-10LP Datasheet
255Kb / 17P
High Performance E2CMOS PLD Generic Array Logic
GAL26CV12B-15LJ LATTICE-GAL26CV12B-15LJ Datasheet
255Kb / 17P
High Performance E2CMOS PLD Generic Array Logic
GAL26CV12B-15LJI LATTICE-GAL26CV12B-15LJI Datasheet
255Kb / 17P
High Performance E2CMOS PLD Generic Array Logic
More results


Similar Description - GAL26CLV12

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL16LV8 LATTICE-GAL16LV8 Datasheet
338Kb / 22P
Low Voltage E2CMOS PLD Generic Array Logic
GAL18V10 LATTICE-GAL18V10 Datasheet
265Kb / 16P
High Performance E2CMOS PLD Generic Array Logic
GAL20LV8 LATTICE-GAL20LV8 Datasheet
284Kb / 17P
Low Voltage E2CMOS PLD Generic Array Logic
GAL20LV8ZD LATTICE-GAL20LV8ZD Datasheet
284Kb / 18P
Low Voltage, Zero Power E2CMOS PLD Generic Array Logic
GAL20V8 LATTICE-GAL20V8 Datasheet
308Kb / 23P
High Performance E2CMOS PLD Generic Array Logic
GAL20VP8 LATTICE-GAL20VP8 Datasheet
263Kb / 17P
High-Speed E2CMOS PLD Generic Array Logic
GAL16LV8ZD LATTICE-GAL16LV8ZD Datasheet
270Kb / 18P
Low Voltage, Zero Power E2CMOS PLD Generic Array Logic
GAL22LV10 LATTICE-GAL22LV10 Datasheet
218Kb / 18P
Low Voltage E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8_98 Datasheet
395Kb / 22P
High Performance E2CMOS PLD Generic Array Logic?
GAL16LV8 LATTICE-GAL16LV8_04 Datasheet
282Kb / 22P
Low Voltage E2CMOS PLD Generic Array Logic?
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com