Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PALCE16V8 Datasheet (PDF) - Lattice Semiconductor

PALCE16V8 Datasheet PDF - Lattice Semiconductor
Part # PALCE16V8
Download  PALCE16V8 Download
File Size   634.9 Kbytes
Page   32 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic

PALCE16V8 Datasheet (PDF)

Go To PDF Page Download Datasheet
PALCE16V8 Datasheet PDF - Lattice Semiconductor

Part # PALCE16V8
Download  PALCE16V8 Click to download

File Size   634.9 Kbytes
Page   32 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic

PALCE16V8 Datasheet (HTML) - Lattice Semiconductor


PALCE16V8 Product details

GENERAL DESCRIPTION
The PALCE16V8 is an advanced PAL device built with low-power, high-speed, electrically erasable CMOS technology. It is functionally compatible with all 20-pin GAL devices. The macrocells provide a universal device architecture. The PALCE16V8 will directly replace the PAL16R8, with the exception of the PAL16C1.
The PALCE16V8Z provides zero standby power and high speed. At 30-µA maximum standby current, the PALCE16V8Z allows battery-powered operation for an extended period.
The PALCE16V8 utilizes the familiar sum-of-products (AND/OR) architecture that allows users to implement complex logic functions easily and efficiently. Multiple levels of combinatorial logic can always be reduced to sum-of-products form, taking advantage of the very wide input gates available in PAL devices. The equations are programmed into the device through floating-gate cells in the AND logic array that can be erased electrically.
The fixed OR array allows up to eight data product terms per output for logic functions. The sum of these products feeds the output macrocell. Each macrocell can be programmed as registered or combinatorial with an active-high or active-low output. The output configuration is determined by two global bits and one local bit controlling four multiplexers in each macrocell.

DISTINCTIVE CHARACTERISTICS
◆ Pin and function compatible with all 20-pin PAL® devices
◆ Electrically erasable CMOS technology provides reconfigurable logic and full testability
◆ High-speed CMOS technology
   — 5-ns propagation delay for “-5” version
   — 7.5-ns propagation delay for “-7” version
◆ Direct plug-in replacement for the PAL16R8 series
◆ Outputs programmable as registered or combinatorial in any combination
◆ Peripheral Component Interconnect (PCI) compliant
◆ Programmable output polarity
◆ Programmable enable/disable control
◆ Preloadable output registers for testability
◆ Automatic register reset on power up
◆ Cost-effective 20-pin plastic DIP, PLCC, and SOIC packages
◆ Extensive third-party software and programmer support
◆ Fully tested for 100% programming and functional yields and high reliability
◆ 5-ns version utilizes a split leadframe for improved performance




Similar Part No. - PALCE16V8

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
PALCE16V8 AMD-PALCE16V8 Datasheet
224Kb / 26P
EE CMOS 20-Pin Universal Programmable Array Logic
PALCE16V8 AMD-PALCE16V8 Datasheet
3Mb / 6P
EE CMOS 20 PIN UNIVERSAL PROGRAMMABLE ARRAY LOGIC
logo
Cypress Semiconductor
PALCE16V8 CYPRESS-PALCE16V8 Datasheet
300Kb / 13P
Flash-Erasable Reprogrammable CMOS PAL Device
PALCE16V8-10 CYPRESS-PALCE16V8-10 Datasheet
300Kb / 13P
Flash-Erasable Reprogrammable CMOS PAL Device
PALCE16V8-10DMB CYPRESS-PALCE16V8-10DMB Datasheet
300Kb / 13P
Flash-Erasable Reprogrammable CMOS PAL Device
More results


Similar Description - PALCE16V8

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
PAL16R8 AMD-PAL16R8 Datasheet
1Mb / 33P
20-PIN TTL PROGRAMMABLE ARRAY LOGIC
PALCE16V8 AMD-PALCE16V8 Datasheet
224Kb / 26P
EE CMOS 20-Pin Universal Programmable Array Logic
PALCE20V8 AMD-PALCE20V8 Datasheet
235Kb / 16P
EE CMOS 24-Pin Universal Programmable Array Logic
logo
Lattice Semiconductor
MACH230-10 LATTICE-MACH230-10 Datasheet
230Kb / 29P
High-Density EE CMOS Programmable Logic
PALCE20V8 LATTICE-PALCE20V8 Datasheet
518Kb / 27P
EE CMOS 24-Pin Universal Programmable Array Logic
PLV16V8 LATTICE-PLV16V8 Datasheet
425Kb / 22P
Low Voltage, Zero Power 20-Pin EE CMOS Universal Programmable Array Logic
logo
Advanced Micro Devices
PAL16V8 AMD-PAL16V8 Datasheet
3Mb / 6P
EE CMOS 20 PIN UNIVERSAL PROGRAMMABLE ARRAY LOGIC
PALCE29MA16 AMD-PALCE29MA16 Datasheet
353Kb / 25P
24-Pin EE CMOS Programmable Array Logic
PAL16L8B AMD-PAL16L8B Datasheet
271Kb / 33P
20-Pin TTL Programmable Array Logic
PALCE29M16H-25 AMD-PALCE29M16H-25 Datasheet
302Kb / 22P
24-Pin EE CMOS Programmable Array Logic
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com