Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PALCE20V8 Datasheet (PDF) - Lattice Semiconductor

PALCE20V8 Datasheet PDF - Lattice Semiconductor
Part # PALCE20V8
Download  PALCE20V8 Download
File Size   518.39 Kbytes
Page   27 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description EE CMOS 24-Pin Universal Programmable Array Logic

PALCE20V8 Datasheet (PDF)

Go To PDF Page Download Datasheet
PALCE20V8 Datasheet PDF - Lattice Semiconductor

Part # PALCE20V8
Download  PALCE20V8 Click to download

File Size   518.39 Kbytes
Page   27 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description EE CMOS 24-Pin Universal Programmable Array Logic

PALCE20V8 Datasheet (HTML) - Lattice Semiconductor


PALCE20V8 Product details

GENERAL DESCRIPTION

The PALCE20V8 is an advanced PAL device built with low-power, high-speed, electrically erasable CMOS technology. Its macrocells provide a universal device architecture. The PALCE20V8 is fully compatible with the GAL20V8 and can directly replace PAL20R8 series devices and most 24-pin combinatorial PAL devices.

Device logic is automatically configured according to the user’s design specification. A design is implemented using any of a number of popular design software packages, allowing automatic creation of a programming file based on Boolean or state equations. Design software also verifies the design and can provide test vectors for the finished device. Programming can be accomplished on standard PAL device programmers.



DISTINCTIVE CHARACTERISTICS

◆ Pin and function compatible with all PAL® 20V8 devices

◆ Electrically erasable CMOS technology provides reconfigurable logic and full testability

◆ High-speed CMOS technology

   — 5-ns propagation delay for “-5” version

   — 7.5-ns propagation delay for “-7” version

◆ Direct plug-in replacement for a wide range of 24-pin PAL devices

◆ Programmable enable/disable control

◆ Outputs individually programmable as registered or combinatorial

◆ Peripheral Component Interconnect (PCI) compliant

◆ Preloadable output registers for testability

◆ Automatic register reset on power-up

◆ Cost-effective 24-pin plastic SKINNY DIP and 28-pin PLCC packages

◆ Extensive third-party software and programmer support

◆ Fully tested for 100% programming and functional yields and high reliability

◆ Programmable output polarity

◆ 5-ns version utilizes a split leadframe for improved performance



 




Similar Part No. - PALCE20V8

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
PALCE20V8 AMD-PALCE20V8 Datasheet
235Kb / 16P
EE CMOS 24-Pin Universal Programmable Array Logic
logo
Cypress Semiconductor
PALCE20V8 CYPRESS-PALCE20V8 Datasheet
352Kb / 14P
Flash Erasable, Reprogrammable CMOS PAL Device
PALCE20V8 CYPRESS-PALCE20V8 Datasheet
287Kb / 13P
Flash Erasable, Reprogrammable CMOS PAL Device
PALCE20V8 CYPRESS-PALCE20V8 Datasheet
316Kb / 14P
Flash-Erasable Reprogrammable CMOS PAL짰 Device
PALCE20V8-10 CYPRESS-PALCE20V8-10 Datasheet
316Kb / 14P
Flash-Erasable Reprogrammable CMOS PAL짰 Device
More results


Similar Description - PALCE20V8

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
PALCE16V8 AMD-PALCE16V8 Datasheet
224Kb / 26P
EE CMOS 20-Pin Universal Programmable Array Logic
PALCE20V8 AMD-PALCE20V8 Datasheet
235Kb / 16P
EE CMOS 24-Pin Universal Programmable Array Logic
logo
Lattice Semiconductor
MACH230-10 LATTICE-MACH230-10 Datasheet
230Kb / 29P
High-Density EE CMOS Programmable Logic
MACH435-12 LATTICE-MACH435-12 Datasheet
254Kb / 30P
High-Density EE CMOS Programmable Logic
PALCE16V8 LATTICE-PALCE16V8 Datasheet
634Kb / 32P
EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic
PLV16V8 LATTICE-PLV16V8 Datasheet
425Kb / 22P
Low Voltage, Zero Power 20-Pin EE CMOS Universal Programmable Array Logic
logo
Advanced Micro Devices
PAL16V8 AMD-PAL16V8 Datasheet
3Mb / 6P
EE CMOS 20 PIN UNIVERSAL PROGRAMMABLE ARRAY LOGIC
PALCE29MA16 AMD-PALCE29MA16 Datasheet
353Kb / 25P
24-Pin EE CMOS Programmable Array Logic
PAL20R AMD-PAL20R Datasheet
1Mb / 27P
24-Pin TTL Programmable Array Logic
PALCE29M16H-25 AMD-PALCE29M16H-25 Datasheet
302Kb / 22P
24-Pin EE CMOS Programmable Array Logic
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com