Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD750104A Datasheet (PDF) - NEC

UPD750104A Datasheet PDF - NEC
Part # UPD750104A
Download  UPD750104A Download
File Size   525.24 Kbytes
Page   80 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 4 BIT SINGLE-CHIP MICROCONTROLLER

UPD750104A Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD750104A Datasheet PDF - NEC

Part # UPD750104A
Download  UPD750104A Click to download

File Size   525.24 Kbytes
Page   80 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 4 BIT SINGLE-CHIP MICROCONTROLLER

UPD750104A Datasheet (HTML) - NEC


UPD750104A Product details

The µPD750108 is one of the 75XL series 4-bit single-chip microcontrollers, which provide data processing capability equal to that of an 8-bit microcontroller. The µPD750108 is produced by replacing the main system clock oscillator of the µPD750008 with an RC oscillator, enabling operation at a relatively low voltage of 1.8 V. In addition, it is best suited to applications using batteries. The µPD750108(A) has a higher reliability than the µPD750108. A built-in one-time PROM product, µPD75P0116, is also available. It is suitable for small-scale production and evaluation of application systems.



FEATURES

• Built-in RC oscillator

• Enables the immediate start of processing after the

release of standby mode

• Capable of low-voltage operation: VDD = 1.8 to 5.5 V

• Internal memory

   Program memory (ROM)

     : 4,096 × 8 bits (µPD750104 and µPD750104(A))

     : 6,144 × 8 bits (µPD750106 and µPD750106(A))

     : 8,192 × 8 bits (µPD750108 and µPD750108(A))

   Data memory (RAM)

    : 512 × 4 bits

• Function for specifying the instruction execution time (useful for saving power)

   4 µs, 8 µs, 16 µs, 64 µs (when operating at 1.0 MHz)

   2 µs, 4 µs, 8 µs, 32 µs (when operating at 2.0 MHz)

   122 µs (when operating at 32.768 kHz)

• Enhanced timer function (4 channels)

• Can be easily substituted for the µPD750008 because this product succeeds to the functions and instructions of the µPD750008.



APPLICATIONS

• µPD750104, µPD750106, and µPD750108 Cameras, meters, and pagers

• µPD750104(A), µPD750106(A), and µPD750108(A) Electrical equipment for automobiles




Similar Part No. - UPD750104A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD750104 RENESAS-UPD750104 Datasheet
625Kb / 83P
MOS INTEGRATED CIRCUIT
1997
More results


Similar Description - UPD750104A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD753104 NEC-UPD753104 Datasheet
547Kb / 90P
4-BIT SINGLE-CHIP MICROCONTROLLER
UPD753304 NEC-UPD753304 Datasheet
374Kb / 56P
4-BIT SINGLE-CHIP MICROCONTROLLER
UPD754302 NEC-UPD754302 Datasheet
316Kb / 74P
4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P0076 NEC-UPD75P0076 Datasheet
410Kb / 62P
4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P036 NEC-UPD75P036 Datasheet
376Kb / 52P
4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P3116 NEC-UPD75P3116 Datasheet
351Kb / 60P
4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P3216 NEC-UPD75P3216 Datasheet
362Kb / 56P
4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P4308 NEC-UPD75P4308 Datasheet
271Kb / 60P
4-BIT SINGLE-CHIP MICROCONTROLLER
logo
Sanyo Semicon Device
LC573010A SANYO-LC573010A Datasheet
154Kb / 12P
4-bit Single Chip Microcontroller
logo
NEC
UPD17P133 NEC-UPD17P133 Datasheet
1Mb / 289P
4-BIT SINGLE-CHIP MICROCONTROLLER
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com