Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1940L Datasheet (PDF) - Linear Technology

LT1940L Datasheet PDF - Linear Technology
Part # LT1940L_15
Download  LT1940L Download
File Size   286.4 Kbytes
Page   20 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator

LT1940L Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1940L Datasheet PDF - Linear Technology

Part # LT1940L_15
Download  LT1940L Click to download

File Size   286.4 Kbytes
Page   20 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator

LT1940L Datasheet (HTML) - Linear Technology




Similar Part No. - LT1940L_15

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LT1940LEFE LINEAR_DIMENSIONS-LT1940LEFE Datasheet
286Kb / 20P
Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator
More results


Similar Description - LT1940L_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1940 LINER-LT1940 Datasheet
256Kb / 20P
Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator
LT1936 LINER-LT1936 Datasheet
298Kb / 20P
1.4A, 500kHz Step-Down Switching Regulator
LT3506 LINER-LT3506 Datasheet
679Kb / 24P
Dual Monolithic 1.6A Step-Down Switching Regulator
LT3508 LINER-LT3508 Datasheet
316Kb / 24P
Dual Monolithic 1.4A Step-Down Switching Regulator
logo
Linear Dimensions Semic...
LT1940LEFE LINEAR_DIMENSIONS-LT1940LEFE Datasheet
286Kb / 20P
Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator
logo
Linear Technology
LT1936 LINER-LT1936_15 Datasheet
304Kb / 20P
1.4A, 500kHz Step-Down Switching Regulator
LT1940 LINER-LT1940_15 Datasheet
286Kb / 20P
Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator
LT3506 LINER-LT3506_15 Datasheet
221Kb / 24P
Dual Monolithic 1.6A Step-Down Switching Regulator
LT3506A LINER-LT3506A_15 Datasheet
221Kb / 24P
Dual Monolithic 1.6A Step-Down Switching Regulator
LT3508 LINER-LT3508_15 Datasheet
320Kb / 26P
Dual Monolithic 1.4A Step-Down Switching Regulator
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com