Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD753012A Datasheet (PDF) - NEC

UPD753012A Datasheet PDF - NEC
Part # UPD753012A
Download  UPD753012A Download
File Size   438.27 Kbytes
Page   88 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 4-BIT SINGLE-CHIP MICROCONTROLLER

UPD753012A Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD753012A Datasheet PDF - NEC

Part # UPD753012A
Download  UPD753012A Click to download

File Size   438.27 Kbytes
Page   88 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 4-BIT SINGLE-CHIP MICROCONTROLLER

UPD753012A Datasheet (HTML) - NEC


UPD753012A Product details

DESCRIPTION
The µPD753017A is one of the 75XL series 4-bit single-chip microcontroller chips and has a data processing capability comparable to that of an 8-bit microcontroller. It has an on-chip LCD controller/driver with a larger ROM capacity and extended CPU functions compared with the conventional µPD75316B, and can provide high-speed operation at a low supply voltage of 1.8 V. It can be supplied in a small plastic TQFP package (12 ×12 mm) and is suitable for small sets using LCD panels.

FEATURES
• Low voltage operation: VDD= 1.8 to 5.5 V
· Can be driven by two 1.5 V batteries
• On-chip memory
· Program memory (ROM):
12288 ×8 bits (µPD753012A)
16384 ×8 bits (µPD753016A)
24576 ×8 bits (µPD753017A)
· Data memory (RAM): 1024 ×4 bits
• Capable of high-speed operation and variable instruction execution time for power saving
· 0.95, 1.91, 3.81, 15.3 µs (at 4.19 MHz operation)
· 0.67, 1.33, 2.67, 10.7 µs (at 6.0 MHz operation)
· 122 µs (at 32.768 kHz operation)
• Internal programmable LCD controller/driver
• Small plastic TQFP (12 ×12 mm)
· Suitable for small sets such as cameras
• One-time PROM:  µPD75P3018A




Similar Part No. - UPD753012A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD753012A RENESAS-UPD753012A Datasheet
694Kb / 92P
MOS INTEGRATED CIRCUIT
2000
More results


Similar Description - UPD753012A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD753104 NEC-UPD753104 Datasheet
547Kb / 90P
4-BIT SINGLE-CHIP MICROCONTROLLER
UPD753304 NEC-UPD753304 Datasheet
374Kb / 56P
4-BIT SINGLE-CHIP MICROCONTROLLER
UPD754302 NEC-UPD754302 Datasheet
316Kb / 74P
4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P0076 NEC-UPD75P0076 Datasheet
410Kb / 62P
4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P036 NEC-UPD75P036 Datasheet
376Kb / 52P
4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P3116 NEC-UPD75P3116 Datasheet
351Kb / 60P
4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P3216 NEC-UPD75P3216 Datasheet
362Kb / 56P
4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P4308 NEC-UPD75P4308 Datasheet
271Kb / 60P
4-BIT SINGLE-CHIP MICROCONTROLLER
logo
Sanyo Semicon Device
LC573010A SANYO-LC573010A Datasheet
154Kb / 12P
4-bit Single Chip Microcontroller
logo
NEC
UPD17P133 NEC-UPD17P133 Datasheet
1Mb / 289P
4-BIT SINGLE-CHIP MICROCONTROLLER
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com