Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF3045CT-Y Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

MBRF3045CT-Y Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # MBRF3045CT-Y
Download  MBRF3045CT-Y Download
File Size   233.24 Kbytes
Page   4 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Dual Common Cathode Schottky Rectifier

MBRF3045CT-Y Datasheet (PDF)

Go To PDF Page Download Datasheet
MBRF3045CT-Y Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # MBRF3045CT-Y
Download  MBRF3045CT-Y Click to download

File Size   233.24 Kbytes
Page   4 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Dual Common Cathode Schottky Rectifier

MBRF3045CT-Y Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


MBRF3045CT-Y Product details

FEATURES
● Low power loss, high efficiency
● Guard ring for overvoltage protection
● High surge current capability
● RoHS Compliant
● Halogen-free according to IEC 61249-2-21

APPLICATIONS
● Switching mode power supply (SMPS)
● Adapters
● DC to DC converters

MECHANICAL DATA
● Case: ITO-220AB
● Molding compound meets UL 94V-0 flammability rating
● Terminal: Matte tin plated leads, solderable per J-STD-002
● Mounting torque: 0.56 N⋅m maximum
● Meet JESD 201 class 1A whisker test
● Polarity: As marked
● Weight: 1.70g (approximately)




Similar Part No. - MBRF3045CT-Y

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBRF3045CT-E3 VISHAY-MBRF3045CT-E3 Datasheet
153Kb / 5P
Dual Common Cathode Schottky Rectifier
08-Nov-16
MBRF3045CT-E3/45 VISHAY-MBRF3045CT-E3/45 Datasheet
499Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
logo
Diodes Incorporated
MBRF3045CT-LJ DIODES-MBRF3045CT-LJ Datasheet
491Kb / 4P
30A SCHOTTKY BARRIER RECTIFIER
Rev 4
More results


Similar Description - MBRF3045CT-Y

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M6035P VISHAY-M6035P Datasheet
114Kb / 5P
Dual Common-Cathode Schottky Rectifier
21-Nov-12
MBR25H35CT VISHAY-MBR25H35CT Datasheet
160Kb / 5P
Dual Common-Cathode Schottky Rectifier
19-May-08
MBR30H35PT VISHAY-MBR30H35PT Datasheet
104Kb / 4P
Dual Common-Cathode Schottky Rectifier
19-May-08
MBR1535CT VISHAY-MBR1535CT_07 Datasheet
505Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
MBR3035CT VISHAY-MBR3035CT Datasheet
499Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
SBL1630CT VISHAY-SBL1630CT_08 Datasheet
156Kb / 5P
Dual Common-Cathode Schottky Rectifier
07-May-08
SBL2030PT VISHAY-SBL2030PT Datasheet
383Kb / 4P
Dual Common-Cathode Schottky Rectifier
25-Mar-08
SBL3030PT VISHAY-SBL3030PT Datasheet
378Kb / 4P
Dual Common-Cathode Schottky Rectifier
25-Mar-08
logo
KODENSHI_AUK CORP.
SDB1060DI KODENSHI-SDB1060DI Datasheet
210Kb / 5P
DUAL COMMON CATHODE SCHOTTKY RECTIFIER
logo
Vishay Siliconix
MBR1560CT-E3-45 VISHAY-MBR1560CT-E3-45 Datasheet
488Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com