Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF3045CT-Y Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # MBRF3045CT-Y
Description  Dual Common Cathode Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRF3045CT-Y Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  MBRF3045CT-Y Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRF3045CT-Y Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MBRF3045CT-Y Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MBRF3045CT-Y Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
PART NO.
MBRF3060CT-Y
MBRF3060CT-Y
(TA=25°C unless otherwise noted)
Document Number: DS_D1411035
Version: D14
MBRF3045CT-Y thru MBRF30200CT-Y
Taiwan Semiconductor
ORDERING INFORMATION
PACKING CODE
PACKING CODE
SUFFIX
PACKAGE
MBRF30xxCT-Y
(Note 1)
G
EXAMPLE
PREFERRED P/N
PACKING CODE
PACKING CODE
SUFFIX
C0
G
ITO-220AB
Note 1: "xx" defines voltage from 45V (MBRF3045CT-Y) to 200V (MBRF30200CT-Y)
50 / Tube
PACKING
Green compound
DESCRIPTION
RATINGS AND CHARACTERISTICS CURVES
MBRF3060CT-Y C0
C0
MBRF3060CT-Y C0G
C0
0
5
10
15
20
25
30
35
50
60
70
80
90
100 110 120 130 140 150
CASE TEMPERATURE (oC)
FIG.1 FORWARD CURRENT DERATING CURVE
RESISTIVE OR
INDUCTIVELOAD
WITH HEATSINK
50
75
100
125
150
175
200
225
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 2 MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT PER LEG
8.3ms Single Half Sine Wave
0.001
0.01
0.1
1
10
100
0
20
406080
100
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 4 TYPICAL REVERSE CHARACTERISTICS
PER LEG
TJ=75°C
TJ=125°C
45CT-Y
60CT-Y - 200CT-Y
TJ=25°C
0.01
0.1
1
10
100
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
1.1 1.2
FORWARD VOLTAGE (V)
FIG. 3 TYPICAL FORWARD CHARACTERISTICS
PER LEG
Pulse Width=300μs
1% Duty Cycle
MBRF3045CT-Y
MBRF3060CT-Y
MBRF3080CT-Y -100CT-Y
MBRF30150CT-Y-200CT-Y



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com