Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL65D6SA Datasheet (PDF) - Roithner LaserTechnik GmbH

QL65D6SA Datasheet PDF - Roithner LaserTechnik GmbH
Part # QL65D6SA
Download  QL65D6SA Download
File Size   173.9 Kbytes
Page   3 Pages
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH
Description red laser diode

QL65D6SA Datasheet (PDF)

Go To PDF Page Download Datasheet
QL65D6SA Datasheet PDF - Roithner LaserTechnik GmbH

Part # QL65D6SA
Download  QL65D6SA Click to download

File Size   173.9 Kbytes
Page   3 Pages
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH
Description red laser diode

QL65D6SA Datasheet (HTML) - Roithner LaserTechnik GmbH


QL65D6SA Product details

Features
• InGaAlP laser diode
• Peak Wavelength: 650 nm
• Optical Ouput Power: 5 mW
• Package: 5.6 mm, with Photo Diode




Similar Part No. - QL65D6SA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL65D6SA ETC1-QL65D6SA Datasheet
85Kb / 7P
InGaAlP Laser Diode
More results


Similar Description - QL65D6SA

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LT050PS SHARP-LT050PS Datasheet
23Kb / 1P
Red Laser Diode
logo
Sanyo Semicon Device
DL-3147-065 SANYO-DL-3147-065 Datasheet
35Kb / 2P
RED LASER DIODE
DL-LS1034 SANYO-DL-LS1034 Datasheet
43Kb / 2P
RED LASER DIODE
DL-LS1032 SANYO-DL-LS1032 Datasheet
23Kb / 1P
RED LASER DIODE
DL-3247-165 SANYO-DL-3247-165 Datasheet
38Kb / 2P
RED LASER DIODE
logo
Roithner LaserTechnik G...
S6305MG ROITHNER-S6305MG Datasheet
213Kb / 5P
Red Laser Diode
QL63D5SA ROITHNER-QL63D5SA Datasheet
235Kb / 5P
red laser diode
RLTMRL-3-635 ROITHNER-RLTMRL-3-635 Datasheet
205Kb / 5P
Red Diode Laser
RLTMRL-3-655 ROITHNER-RLTMRL-3-655 Datasheet
195Kb / 1P
red diode laser
RLTMRL-685 ROITHNER-RLTMRL-685 Datasheet
181Kb / 1P
red diode laser
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com