Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL65D6SA Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # QL65D6SA
Description  red laser diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

QL65D6SA Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  QL65D6SA Datasheet HTML 1Page - Roithner LaserTechnik GmbH QL65D6SA Datasheet HTML 2Page - Roithner LaserTechnik GmbH QL65D6SA Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
13.03.2012
QL65D6SA
1 of 3
QL65D6SA
TECHNICAL DATA
Red Laser Diode
Features
•
InGaAlP laser diode
•
Peak Wavelength: 650 nm
•
Optical Ouput Power: 5 mW
•
Package: 5.6 mm, with Photo Diode
Electrical Connection
Pin Configuration
Bottom View
m-type
PIN
Function
1
LD Cathode
2
LD Anode, PD Cathode
3
PD Anode
Absolute Maximum Ratings (TC=25°C)
Item
Symbol
Value
Unit
Optical Output Power
PO (CW)
7
mW
LD Reverse Voltage
VR (LD)
2
V
PD Reverse Voltage
VR (PD)
30
V
Operating Case Temperature
TC
-10 … +60
°C
Storage Temperature
Tstg
-40 … +85
°C
Specifications (TC=25°C)
Item
Symbol
Min.
Typ.
Max.
Unit
Optical Specifications
Optical Output Power (CW)
PO
-
5
-
mW
Peak Wavelength
λP
650
655
660
nm
FWHM Beam Divergence
θ║
7.0
8.5
10.0
deg
θ┴
26
28
32
deg
Emission Point Accuracy
Angle
Δθ║
-
-
±1.5
deg
Δθ┴
-
-
±2.5
deg
KINK
K-LI
-
-
10
%
Astigmatism
As
-
-
10
µm
Optical Distance
ΔX,ΔY,ΔZ
-
-
±60
µm
Electrical Specifications
Threshold Current
Ith
-
30
45
mA
Operating Current
Iop
-
40
55
mA
Slope Efficiency
η
0.4
0.5
0.8
W/A
Operating Voltage
Vop
-
2.2
2.6
V
Monitor Current
Im
0.1
0.2
0.5
mA
PD Dark Current
ID
-
5
10
nA
PD Capacitance
Ct
-
-5
-10
pF
The above specifications are for reference purpose only and subjected to change without prior notice.


Similar Part No. - QL65D6SA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL65D6SA ETC1-QL65D6SA Datasheet
85Kb / 7P
InGaAlP Laser Diode
More results

Similar Description - QL65D6SA

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LT050PS SHARP-LT050PS Datasheet
23Kb / 1P
Red Laser Diode
logo
Sanyo Semicon Device
DL-3147-065 SANYO-DL-3147-065 Datasheet
35Kb / 2P
RED LASER DIODE
DL-LS1034 SANYO-DL-LS1034 Datasheet
43Kb / 2P
RED LASER DIODE
DL-LS1032 SANYO-DL-LS1032 Datasheet
23Kb / 1P
RED LASER DIODE
DL-3247-165 SANYO-DL-3247-165 Datasheet
38Kb / 2P
RED LASER DIODE
logo
Roithner LaserTechnik G...
S6305MG ROITHNER-S6305MG Datasheet
213Kb / 5P
Red Laser Diode
QL63D5SA ROITHNER-QL63D5SA Datasheet
235Kb / 5P
red laser diode
RLTMRL-3-635 ROITHNER-RLTMRL-3-635 Datasheet
205Kb / 5P
Red Diode Laser
RLTMRL-3-655 ROITHNER-RLTMRL-3-655 Datasheet
195Kb / 1P
red diode laser
RLTMRL-685 ROITHNER-RLTMRL-685 Datasheet
181Kb / 1P
red diode laser
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com