Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1376CS8 Datasheet (PDF) - Linear Technology

LT1376CS8 Datasheet PDF - Linear Technology
Part # LT1376CS8
Download  LT1376CS8 Download
File Size   232.38 Kbytes
Page   28 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 1.5A, 500kHz Step-Down Switching Regulators

LT1376CS8 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1376CS8 Datasheet PDF - Linear Technology

Part # LT1376CS8
Download  LT1376CS8 Click to download

File Size   232.38 Kbytes
Page   28 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 1.5A, 500kHz Step-Down Switching Regulators

LT1376CS8 Datasheet (HTML) - Linear Technology




Similar Part No. - LT1376CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1376 LINER-LT1376_15 Datasheet
511Kb / 28P
1.5A, 500kHz Step-Down Switching Regulators
More results


Similar Description - LT1376CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1956 LINER-LT1956 Datasheet
305Kb / 28P
High Voltage, 1.5A, 500kHz Step-Down Switching Regulators
logo
National Semiconductor ...
LM1572 NSC-LM1572 Datasheet
584Kb / 17P
1.5A, 500kHz Step-down Voltage Regulator
logo
Avic Technology
AV34063 AVICTEK-AV34063 Datasheet
257Kb / 8P
1.5A,Step-Up/Down Inverting Switching Regulators
logo
Ceramate Technical
CP34063 CERAMATE-CP34063 Datasheet
503Kb / 10P
1.5A,Step-Up/Down/Inverting Switching Regulators
logo
Gamma Microelectronics ...
GM2574 GAMMA-GM2574 Datasheet
130Kb / 8P
1.5A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Linear Technology
LT1767-1.8 LINER-LT1767-1.8_15 Datasheet
435Kb / 20P
Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1956 LINER-LT1956_15 Datasheet
314Kb / 28P
High Voltage, 1.5A, 500kHz Step-Down Switching Regulators
LT1956-5 LINER-LT1956-5_15 Datasheet
314Kb / 28P
High Voltage, 1.5A, 500kHz Step-Down Switching Regulators
LT1375 LINER-LT1375_15 Datasheet
511Kb / 28P
1.5A, 500kHz Step-Down Switching Regulators
LT1376 LINER-LT1376_15 Datasheet
511Kb / 28P
1.5A, 500kHz Step-Down Switching Regulators
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com