Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD754244 Datasheet (PDF) - NEC

UPD754244 Datasheet PDF - NEC
Part # UPD754244
Download  UPD754244 Download
File Size   416.12 Kbytes
Page   88 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 4-BIT SINGLE-CHIP MICROCONTROLLERS

UPD754244 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD754244 Datasheet PDF - NEC

Part # UPD754244
Download  UPD754244 Click to download

File Size   416.12 Kbytes
Page   88 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 4-BIT SINGLE-CHIP MICROCONTROLLERS

UPD754244 Datasheet (HTML) - NEC


UPD754244 Product details

DESCRIPTION

The µPD754244 is a 4-bit single-chip microcontroller which incorporates the EEPROMTM for key-less entry application.

It incorporates a 16 ×8-bit EEPROM, a 4-Kbyte mask ROM to store software, a 128 ×4-bit RAM to store the processing data, a processing CPU, and a carrier generator which easily outputs waveforms for infrared remote controller.



FEATURES

• On-chip EEPROM: 16 ×8 bits (mapped to the data memory)

• On-chip key return reset function for key-less entry

• System clock oscillation circuit

• µPD754144: RC oscillator (external resistor and capacitor)

• µPD754244: Crystal/ceramic oscillator

• Low-voltage operation: VDD= 1.8 to 6.0 V

• Timer function (4 channels)

• Basic interval timer/watchdog timer: 1 channel

• 8-bit timer counter : 3 channels

• On-chip memory

• Program memory (ROM) 4096 ×8 bits

• Data memory (static RAM) 128 ×4 bits

• Instruction execution time variable function suited for power saving.

• µPD754144:

  4, 8, 16, 64 µs (at fcc = 1.0-MHz operation)

• µPD754244:

  0.95, 1.91, 3.81, 15.3 µs (at fx = 4.19-MHz operation)

  0.67, 1.33, 2.67, 10.7 µs (at fx = 6.0-MHz operation)



APPLICATIONS

Automotive appliances such as key-less entry, compact data carrier, etc.




Similar Part No. - UPD754244

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD754244GS-XXX-BA5 RENESAS-UPD754244GS-XXX-BA5 Datasheet
619Kb / 90P
MOS INTEGRATED CIRCUIT
1995
UPD754244GS-XXX-BA5-A RENESAS-UPD754244GS-XXX-BA5-A Datasheet
619Kb / 90P
MOS INTEGRATED CIRCUIT
1995
UPD754244GS-XXX-GJG RENESAS-UPD754244GS-XXX-GJG Datasheet
619Kb / 90P
MOS INTEGRATED CIRCUIT
1995
UPD754244GS-XXX-GJG-A RENESAS-UPD754244GS-XXX-GJG-A Datasheet
619Kb / 90P
MOS INTEGRATED CIRCUIT
1995
More results


Similar Description - UPD754244

ManufacturerPart #DatasheetDescription
logo
NEC
UPD17145 NEC-UPD17145 Datasheet
408Kb / 102P
SMALL, GENERAL-PURPOSE 4-BIT SINGLE-CHIP MICROCONTROLLERS
UPD750064 NEC-UPD750064 Datasheet
460Kb / 82P
4-BIT SINGLE-CHIP MICROCONTROLLERS
UPD753204 NEC-UPD753204 Datasheet
577Kb / 80P
4-BIT SINGLE-CHIP MICROCONTROLLERS
UPD754202 NEC-UPD754202 Datasheet
302Kb / 66P
4-BIT SINGLE-CHIP MICROCONTROLLERS
UPD754264 NEC-UPD754264 Datasheet
318Kb / 68P
4-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
32-Bit Single-Chip Microcontrollers
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
32-Bit Single-Chip Microcontrollers
UPD753108 NEC-UPD753108 Datasheet
2Mb / 459P
4-bit Single-chip Microcontrollers
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
8-Bit Single-Chip Microcontrollers
PD17145A1 RENESAS-PD17145A1_15 Datasheet
553Kb / 104P
SMALL, GENERAL-PURPOSE 4-BIT SINGLE-CHIP MICROCONTROLLERS
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com