Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZT55C11 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

BZT55C11 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # BZT55C11
Download  BZT55C11 Download
File Size   237.64 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 5% Tolerance SMD Zener Diode

BZT55C11 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZT55C11 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # BZT55C11
Download  BZT55C11 Click to download

File Size   237.64 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 5% Tolerance SMD Zener Diode

BZT55C11 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd




Similar Part No. - BZT55C11

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
BZT55C11 TEMIC-BZT55C11 Datasheet
82Kb / 6P
Silicon Epitaxial Planar Z-Diodes
logo
Vishay Siliconix
BZT55C11 VISHAY-BZT55C11 Datasheet
79Kb / 6P
Silicon Epitaxial Planar Z-Diodes
01-Apr-99
logo
Taiwan Semiconductor Co...
BZT55C11 TSC-BZT55C11 Datasheet
267Kb / 4P
0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
logo
Vishay Siliconix
BZT55C11 VISHAY-BZT55C11 Datasheet
193Kb / 8P
Small Signal Zener Diodes
10-Mar-06
logo
SEMTECH ELECTRONICS LTD...
BZT55C11 SEMTECH_ELEC-BZT55C11 Datasheet
312Kb / 5P
SILICON EPITAXIAL PLANAR ZENER DIODES
More results


Similar Description - BZT55C11

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52C2V4 TSC-BZT52C2V4 Datasheet
145Kb / 3P
500mW, 5% Tolerance SMD Zener Diode
BZT52C2V4S TSC-BZT52C2V4S Datasheet
177Kb / 3P
200mW, 5% Tolerance SMD Zener Diode
BZT55C2V4 TSC-BZT55C2V4 Datasheet
130Kb / 3P
500mW, 5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_09 Datasheet
124Kb / 3P
500mW, 5% Tolerance SMD Zener Diode
BZY55C2V4 TSC-BZY55C2V4 Datasheet
299Kb / 3P
500mW,5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_10 Datasheet
170Kb / 4P
500mW, 5% Tolerance SMD Zener Diode
BZT52C2V4 TSC-BZT52C2V4_14 Datasheet
230Kb / 5P
5% Tolerance SMD Zener Diode
BZT52C2V4S TSC-BZT52C2V4S_14 Datasheet
247Kb / 5P
5% Tolerance SMD Zener Diode
BZV55C2V4 TSC-BZV55C2V4_14 Datasheet
240Kb / 5P
5% Tolerance SMD Zener Diode
BZY55C2V4 TSC-BZY55C2V4_14 Datasheet
241Kb / 5P
5% Tolerance SMD Zener Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com