Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SQS401EN Datasheet (PDF) - Vishay Siliconix

SQS401EN Datasheet PDF - Vishay Siliconix
Part # SQS401EN
Download  SQS401EN Download
File Size   1220.3 Kbytes
Page   14 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive P-Channel 40 V (D-S) MOSFET

SQS401EN Datasheet (PDF)

Go To PDF Page Download Datasheet
SQS401EN Datasheet PDF - Vishay Siliconix

Part # SQS401EN
Download  SQS401EN Click to download

File Size   1220.3 Kbytes
Page   14 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive P-Channel 40 V (D-S) MOSFET

SQS401EN Datasheet (HTML) - Vishay Siliconix




Similar Part No. - SQS401EN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQS401EN VISHAY-SQS401EN Datasheet
577Kb / 14P
Automotive P-Channel 60 V (D-S) 175 °C MOSFET
26-Aug-13
SQS401EN VISHAY-SQS401EN Datasheet
604Kb / 13P
Automotive P-Channel 40 V (D-S) 175 °C MOSFET
10-Jan-2022
SQS401EN VISHAY-SQS401EN Datasheet
603Kb / 13P
Automotive P-Channel 40 V (D-S) 175 °C MOSFET
10-Jan-2022
SQS401EN-T1-GE3 VISHAY-SQS401EN-T1-GE3 Datasheet
564Kb / 13P
Automotive P-Channel 40 V (D-S) 175 °C MOSFET
31-Oct-11
SQS401EN-T1-GE3 VISHAY-SQS401EN-T1-GE3 Datasheet
577Kb / 14P
Automotive P-Channel 60 V (D-S) 175 °C MOSFET
26-Aug-13
More results


Similar Description - SQS401EN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ2319ES VISHAY-SQ2319ES Datasheet
224Kb / 10P
Automotive P-Channel 40 V (D-S) 175 C MOSFET
07-Nov-11
SQD50P04-09L VISHAY-SQD50P04-09L Datasheet
154Kb / 10P
Automotive P-Channel 40 V (D-S) 175 째C MOSFET
24-Oct-11
SQD50P04-13L VISHAY-SQD50P04-13L_15 Datasheet
169Kb / 11P
Automotive P-Channel 40 V (D-S) 175 °C MOSFET
29-Dec-14
SQ2319ADS VISHAY-SQ2319ADS Datasheet
279Kb / 11P
Automotive P-Channel 40 V (D-S) MOSFET
12-Oct-15
SQM40031EL VISHAY-SQM40031EL Datasheet
173Kb / 6P
Automotive P-Channel 40 V (D-S) 175 °C MOSFET
23-Jan-17
SQJ147ELP VISHAY-SQJ147ELP Datasheet
258Kb / 8P
Automotive P-Channel 40 V (D-S) 175 °C MOSFET
24-Aug-2020
SQM40061EL VISHAY-SQM40061EL Datasheet
203Kb / 9P
Automotive P-Channel 40 V (D-S) 175 °C MOSFET
23-Oct-17
SQ2319ADS VISHAY-SQ2319ADS_V01 Datasheet
211Kb / 9P
Automotive P-Channel 40 V (D-S) MOSFET
15-Nov-2021
SQ2319ADS VISHAY-SQ2319ADS_V02 Datasheet
210Kb / 9P
Automotive P-Channel 40 V (D-S) MOSFET
15-Nov-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com